Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si87xxSOIC8-KIT Datasheet(PDF) 5 Page - Silicon image

Part # Si87xxSOIC8-KIT
Description  Si87XX LED EMULATOR INPUT ISOLATOR EVALUATION BOARD USER?셎 GUIDE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

Si87xxSOIC8-KIT Datasheet(HTML) 5 Page - Silicon image

  Si87xxSOIC8-KIT Datasheet HTML 1Page - Silicon image Si87xxSOIC8-KIT Datasheet HTML 2Page - Silicon image Si87xxSOIC8-KIT Datasheet HTML 3Page - Silicon image Si87xxSOIC8-KIT Datasheet HTML 4Page - Silicon image Si87xxSOIC8-KIT Datasheet HTML 5Page - Silicon image Si87xxSOIC8-KIT Datasheet HTML 6Page - Silicon image Si87xxSOIC8-KIT Datasheet HTML 7Page - Silicon image Si87xxSOIC8-KIT Datasheet HTML 8Page - Silicon image Si87xxSOIC8-KIT Datasheet HTML 9Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Si87xx-EVB
Rev. 0.3
5
3.1. Board Jumper Settings
To run the demo, follow the instructions below. Review Figure 5 and Figures 11 through 14 if necessary.
1. If demonstrating the SOIC8 or LGA8 EVB featuring the Si8712 (Si8710 for DIP8), ensure that J2, J4, and
J5 are installed as shown in Figure 1, 2, or 4.
2. If demonstrating the SDIP6 EVB featuring the Si8710, ensure that J2 and J3 are installed as shown in
Figure 3.
3.2. DC Supply Configuration
1. Turn OFF the dc power supply and ensure that the output voltage is set to its lowest output voltage.
2. Connect the banana ends of the black and red banana to clip terminated wires to the outputs of the dc
supply.
3. Then, connect the clip end of the red and black banana to clip wires to P2. The red wire goes to Pin1. The
black wire goes to Pin4.
4. Turn ON the dc power supply.
5. Adjust the dc power supply to provide 5 V on its output.
6. Ensure that the current draw is less than 25 mA. If it is larger, this indicates that either the board or Si87xx
has been damaged or the supply is connected backwards.
3.3. Wave Form Generator
1. Turn ON the arbitrary waveform generator with the output disengaged.
2. Adjust its output to provide a 500 kHz, 0 to 5 V peak square wave (50 percent duty cycle) to its output.
3. Split the output of the generator with a BNC splitter.
4. From the BNC splitter, connect a coaxial cable to CH1 of the scope. This will be the input.
5. Connect a second coaxial cable to the BNC splitter, and connect a BNC-to-clip converter to the end of the
coaxial cable.
6. From here, connect the clip end of the BNC-to-clip converter to P1, Pin1 (red wire here) and Pin3 (black
wire here). The positive terminal is Pin1 on P1.
7. Connect one end of a third coaxial cable to a BNC-to-clip converter (note that a scope probe can be used
here instead).
8. From here, connect the clip end of the BNC-to-clip converter to P2, Pin3 (red wire here) and Pin4 (black
wire here). Vo is on P2 Pin3.
9. Connect the other end of the coaxial cable to CH2 of the oscilloscope. This will be the output.
10. Engage the output of the waveform generator.
3.4. Oscilloscope Setup
1. Turn ON the oscilloscope.
2. Set the scope to Trigger on CH1 and adjust the trigger level to 1 V minimum.
3. Set CH1and CH2 to 2 V per division.
4. Adjust the seconds/division setting to 250 ns/division.
5. Adjust the level indicator for all channels to properly view each channel as shown in Figure 6.
A 500 kHz square wave should display on Channel 1 of the scope for the input and an inverted 5 V version of this
square wave should display the output on Channel 2, as shown in Figure 6. This concludes the basic demo. For
more advanced demos, see the following sections.


Similar Part No. - Si87xxSOIC8-KIT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI87XX SILABS-SI87XX Datasheet
400Kb / 36P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
More results

Similar Description - Si87xxSOIC8-KIT

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI826X-EVB SILICONIMAGE-SI826X-EVB Datasheet
446Kb / 18P
   Si826X LED EMULATOR INPUT ISODRIVER EVALUATION BOARD USER?셎 GUIDE
logo
Silicon Laboratories
SI8261 SILABS-SI8261 Datasheet
1Mb / 18P
   LED EMULATOR INPUT ISODRIVER EVALUATION BOARD USERS GUIDE
SI4700-EVB SILABS-SI4700-EVB Datasheet
2Mb / 44P
   Si4700/01/02/03 EVALUATION BOARD USER?셎 GUIDE
SI4312-DB SILABS-SI4312-DB Datasheet
455Kb / 11P
   Si4312 DEMO BOARD USER?셎 GUIDE
SI4311-DB SILABS-SI4311-DB Datasheet
445Kb / 11P
   Si4311 DEMO BOARD USER?셎 GUIDE
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
   Evaluation Board User Guide
REV. B
UG-272 AD-UG-272 Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
UG-486 AD-UG-486 Datasheet
532Kb / 8P
   Evaluation Board User Guide
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com