Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8200MTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN8200MTC
Description  Low Voltage/Low Saturation Stepping Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8200MTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN8200MTC Datasheet HTML 1Page - Fairchild Semiconductor FAN8200MTC Datasheet HTML 2Page - Fairchild Semiconductor FAN8200MTC Datasheet HTML 3Page - Fairchild Semiconductor FAN8200MTC Datasheet HTML 4Page - Fairchild Semiconductor FAN8200MTC Datasheet HTML 5Page - Fairchild Semiconductor FAN8200MTC Datasheet HTML 6Page - Fairchild Semiconductor FAN8200MTC Datasheet HTML 7Page - Fairchild Semiconductor FAN8200MTC Datasheet HTML 8Page - Fairchild Semiconductor FAN8200MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FAN8200/FAN8200D/FAN8200MTC FAN8200MP
4
Absolute Maximum Ratings (Ta = 25
°C)
Notes:
1. When mounted on 76.2mm
× 114mm × 1.57mm PCB (glass epoxy material).
2. Power dissipation reduces 8.0mW/
°C for FAN8200, 4.8mW/°C for FAN8200D, 6.9mW/°C for FAN8200MTC and 6.4mW/°C
FAN8200MP
for Ta ≥ 25
°C.
3. Should not exceed PD and SOA(Safe Operating Area).
Power Dissipation Curve
Parameter
Symbol
Value
Unit
Supply voltage
VCC(MAX)
9.0
V
Power supply voltage
VS(MAX)
9.0
V
Output voltage
VOUT(MAX)
VS + VCF
V
Input voltage
VIN(MAX)
7.0
V
Peak output current per channel
IO(PEAK)
1A
Continuous output current per channel
IO
0.65 (FAN8200)
0.4 (FAN8200D)
0.55 (FAN8200MTC)
0.35 (FAN8200MP)
A
Power dissipation
PDnote
1.0 (FAN8200)
0.6 (FAN8200D)
0.87 (FAN8200MTC)
0.8 (FAN8200MP)
W
Junction temperture
TJ
150
°C
Storage temperature
TSTG
-40 ~ 125
°C
Operating temperature
TA
-20 ~ 75(FAN8200)
-20 ~ 75(FAN8200D)
-20 ~ 75(FAN8200MTC)
-30 ~ 80(FAN8200MP)
°C
0
025
50
75
100
125
Ambient temperature, Ta [
°C]
150
175
0.5
1.0
Power
Dissipation
: PD[W]
FAN8200
SOA
0
025
50
75
100
125
Ambient temperature, Ta [
°C]
150
175
0.6
1.0
Power
Dissipation
: PD[W]
FAN8200D
SOA


Similar Part No. - FAN8200MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8200MTC FAIRCHILD-FAN8200MTC Datasheet
363Kb / 16P
   Low Voltage/Low Saturation Stepping Motor Driver
FAN8200MTCX FAIRCHILD-FAN8200MTCX Datasheet
363Kb / 16P
   Low Voltage/Low Saturation Stepping Motor Driver
More results

Similar Description - FAN8200MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8200 FAIRCHILD-FAN8200_04 Datasheet
363Kb / 16P
   Low Voltage/Low Saturation Stepping Motor Driver
logo
ON Semiconductor
LV8549MC-AH ONSEMI-LV8549MC-AH Datasheet
124Kb / 5P
   12V Low Saturation Voltage Drive Stepping Motor Driver
June, 2013
ENA2039-D ONSEMI-ENA2039-D Datasheet
124Kb / 5P
   12V Low Saturation Voltage Drive Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8549M SANYO-LV8549M Datasheet
166Kb / 5P
   12V Low Saturation Voltage Drive Stepping Motor Driver
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB8632V SANYO-LB8632V Datasheet
381Kb / 18P
   Low-Voltage/Low-Saturation Camera Motor Driver?
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com