Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8045G3 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN8045G3
Description  4-CH Motor Driver (5 Input & 4 Output)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8045G3 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN8045G3 Datasheet HTML 4Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 5Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 9Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 10Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 11Page - Fairchild Semiconductor FAN8045G3 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FAN8045G3
8
Electrical Characteristics
(SVCC = PVCC2 = 12V, TA = 25°C,PVCC1 = 5V , Ref1= 1.65V ,Ref2 = 2.5V , RL = 8Ω)
Note:
1.Guaranteed field. ( No EDS/ Final test . )
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Quiescent Circuit Current
ICC
Under no-load
-
17
25
mA
BTL DRIVER CIRCUIT (RL=8
Ω)
Output Offset Voltage(CH12)
VOOF1
VIN=1.65V
-50
-
+50
mV
Output Offset Voltage(CH34)
VOOF2
VIN=1.65V
-100
-
+100
mV
Output Offset Voltage(CH5)
VOOF3
VIN=2.5V
-100
-
+100
mV
Maximum Output Voltage(CH12)
VOM1
PVcc1=5V, RL=8Ω
3.6
4.0
-
V
Maximum Output Voltage(CH34)
VOM2
PVcc2=12V, RL=24Ω
9.6
10.5
-
V
Close-loop Voltage Gain(CH12)
AVF
VIN= 0.3V
15.5
17.5
19.5
dB
Close-loop Voltage Gain(CH34)
AVF
VIN= 0.3V
21.5
23.5
25.5
dB
NORMAL OPAMP CIRCUIT(SVCC,PVCC2=12V)
Input Offset Voltage
VOF
-
-10
-
+10
mV
Input Bias Current
IB1
-
-
-
300
nA
High Level Output Voltage
VOH1
-11
-
-
V
Low Level Output Voltage
VOL1
--
-
0.1
V
Output Sink Current
ISINK
-5
8
-
mA
Output Source Current
ISOU1
-1
5
-
mA
Open Loop Voltage Gain
GVO1
f=1kHz, VIN= -75dB
-
75
-
dB
Ripple Rejection Rationote1
RR1
f=120Hz, VIN= -20dB
-
65
-
dB
Slew Ratenote1
SR1
f=120Hz, 2Vp-p
-
1
-
V/us
Common Mode Rejection Rationote1
CMRR1
f=1kHz, VIN= -20dB
-
80
-
dB
TSD ON Voltagenote1
Vtsdon
-
-
-
0.5
V
MUTE AND OTHER FUNCTION CIRCUIT
Mute On Voltage
VMON
Pin9,20,27=Variation
-
-
0.5
V
Mute Off Voltage
VMOFF
Pin9,20,27=Variation
2
-
-
V
SW On Voltage
VSWL
Pin28=Variation
-
-
0.5
V
SW Off Voltage
VSWH
Pin28=Variation
2
-
-
V
Mute Low Level Sink Current
IMTL
VMUTE = 0V
-15
0
15
uA
Mute High Level Sink Current
IMTH
VMUTE = 5V
-
85
170
uA
SW45 Low Level Sink Current
ISWL45
SW45 = 0V
-15
0
15
uA
SW45 High Level Sink Current
ISWH45
SW45 = 5V
-
85
170
uA
REF1 Sink Current
IRL
REF1 = 1.65V
-
52
104
uA
REF2 Sink Current
IRH
REF2 = 2.5V
-
85
170
uA


Similar Part No. - FAN8045G3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8040G3 FAIRCHILD-FAN8040G3 Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8040G3X FAIRCHILD-FAN8040G3X Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8042 FAIRCHILD-FAN8042 Datasheet
223Kb / 18P
   5-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
More results

Similar Description - FAN8045G3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
   4-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
logo
List of Unclassifed Man...
D9258PH ETC-D9258PH Datasheet
461Kb / 11P
   4-CH MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
   4-CH Motor Driver
KA9258D FAIRCHILD-KA9258D Datasheet
606Kb / 14P
   4-CH MOTOR DRIVER
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8039BD3 FAIRCHILD-FAN8039BD3 Datasheet
291Kb / 16P
   5-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com