Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFR21GD1004702 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # NFR21GD1004702
Description  SMD/BLOCK Type EMI Suppression Filters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFR21GD1004702 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  NFR21GD1004702 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFR21GD1004702 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFR21GD1004702 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFR21GD1004702 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFR21GD1004702 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFR21GD1004702 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFR21GD1004702 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFR21GD1004702 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFR21GD1004702 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
103
NFp Series Introduction
NFM_CC
NFM_PC
NFL_ST
NFL_SP
NFW_SP
NFA_SL
10
20
30
40
50
60
70
80
90
0
0.1
1
10
100
1000
Frequency (MHz)
Multilayer Capacitor
Size
1608
1608 Size
1
µF
1
µF
NFM18PS105
3 Terminal Capacitor
Insertion Loss Sample
Features
Classification
Applications
Example
Standard of 3
terminal capacitor
Sharp insertion
loss curve enables
low damage to
signal waveform
Limit noise using
resistor, also loop
back to ground
Meet large current,
good high
frequency
performance
because of its feed
through structure
Standard type with
varied capacitance
Meet large current, high
capacitance available,
for power lines
T-type filter, effective in
low impedance circuits
π-type filter, effective in
high impedance circuits
π-type filter, designed
for low impedance
circuits
4-line array, suitable for
bus lines or flat cables
Noise suppression in
low speed signal lines
Noise suppression in
power lines
Noise suppression in
high speed signal lines
Noise suppression in
signal line with unstable
ground
Noise suppression in
power lines / low
impedance lines
· Individual IC power lines
· High speed interface lines
· Bus lines
LCD lines
Camera I/Fs
· High speed analog lines
RGB / D terminal
· Interface lines
· Clock lines
· Various power lines
· sensor
· Low speed interface lines,
· sensor


Similar Part No. - NFR21GD1004702

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFR21GD1004702 MURATA-NFR21GD1004702 Datasheet
64Kb / 2P
   EMIFILr (RC Combined) Single Circuit Type
More results

Similar Description - NFR21GD1004702

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com