Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4283 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4283
Description  75 Ohm SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG180, RG195, .285 inch D Hole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4283 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4283 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4283 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2013 Pasternack Enterprises All Rights Reserved
2
PE4283 REV 01
75 Ohm SMC Jack Bulkhead Connector Clamp/Solder
Attachment For RG180, RG195, .285 inch D Hole
PE4283
CAD Drawing


Similar Part No. - PE4283

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4283 PEREGRINE-PE4283 Datasheet
230Kb / 11P
   SPDT High Power UltraCMOS??DC - 4.0 GHz RF Switch
logo
Peregrine Semiconductor
PE4283 PSEMI-PE4283 Datasheet
231Kb / 11P
   SPDT High Power UltraCMOS DC ??4.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4283 PEREGRINE-PE4283 Datasheet
231Kb / 11P
   SPDT High Power UltraCMOS
PE4283 PEREGRINE-PE4283_15 Datasheet
231Kb / 10P
   RF Switch
More results

Similar Description - PE4283

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4281 PASTERNACK-PE4281 Datasheet
263Kb / 2P
   75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG180, RG195, 285 inch D HOLE
PE4275 PASTERNACK-PE4275 Datasheet
209Kb / 2P
   75 Ohm SMC Jack Connector Clamp-Solder Attachment For RG180, RG195
PE4166 PASTERNACK-PE4166 Datasheet
208Kb / 2P
   75 Ohm SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG180, RG195, .177 inch D Hole
PE4164 PASTERNACK-PE4164 Datasheet
257Kb / 2P
   75 Ohm SMC Jack Connector Crimp/Solder Attachment For RG180, RG195
PE4282 PASTERNACK-PE4282 Datasheet
212Kb / 2P
   75 Ohm SMC Jack Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .285 inch D Hole
PE4273 PASTERNACK-PE4273 Datasheet
208Kb / 2P
   75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG180, RG195
PE4267 PASTERNACK-PE4267 Datasheet
208Kb / 2P
   75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
PE4158 PASTERNACK-PE4158 Datasheet
219Kb / 3P
   75 Ohm SMC Plug Connector Crimp - Solder Attachment For RG180, RG195
PE4925 PASTERNACK-PE4925 Datasheet
262Kb / 2P
   75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG179, RG187, .285 inch D Hole
PE4163 PASTERNACK-PE4163 Datasheet
257Kb / 2P
   75 Ohm SMB Jack Connector Crimp/Solder Attachment For RG180, RG195
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com