Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFA21SL337V1A45 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # NFA21SL337V1A45
Description  SMD/BLOCK Type EMI Suppression Filters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFA21SL337V1A45 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  NFA21SL337V1A45 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFA21SL337V1A45 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFA21SL337V1A45 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFA21SL337V1A45 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFA21SL337V1A45 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFA21SL337V1A45 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFA21SL337V1A45 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFA21SL337V1A45 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFA21SL337V1A45 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
104
Part Numbering
Chip EMIFILr
NFp
eDimensions (LgW)
Code
1.6g0.8mm
2.0g1.25mm
3.2g1.25mm
3.2g1.6mm
4.5g1.6mm
5.7g5.0mm
Dimensions (LgW)
0603
0805
1205
1206
1806
2220
EIA
18
21
3D
31
41
55
qProduct ID
NF
Chip EMIFILr
Product ID
wStructure
M
A
Capacitor Type
Capacitor Array Type
Code
Structure
rFeatures
Code
Capacitor Type for Signal Lines
Capacitor Type for Large Current
High Loss Type for Large Current
Features
CC
PC
PS
tCapacitance
Expressed by three figures. The unit is in pico-farad (pF). The first
and second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures.
yCharacteristics
B
F
R
U
S
±10%, ±12.5%, +10/-13%
+30/-80%, +30/-84%
±15%, +15/-18%
-750
±120ppm/°C
+350 to -1000ppm/
°C
Code
Capacitance Change (Temperature Characteristics)
oPackaging
L
B
D
NFM3D/NFM31/NFM41/NFM55
All series
NFM18/NFM21/NFAppCC
Embossed Taping (ø180mm Reel)
Bulk
Paper Taping (ø180mm Reel)
Code
Packaging
Series
3
4
Sn Plating
Solder Coating
Code
Electrode
NFM (Except NFM55)
NFM55
Series
uRated Voltage
0J
1A
1C
1E
1H
2A
6.3V
10V
16V
25V
50V
100V
Code
Rated Voltage
iElectrode/Others (NFM Series)
4
4 Circuits
Code
Number of Circuits
iNumber of Circuits (NFAppCC Series)
Capacitor
(Part Number)
t
102
q
NF
y
R
r
CC
e
3D
w
M
u
1H
i
3
o
L


Similar Part No. - NFA21SL337V1A45

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFA21SL337V1A45 MURATA-NFA21SL337V1A45 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
logo
Murata Manufacturing Co...
NFA21SL337V1A45 MURATA1-NFA21SL337V1A45 Datasheet
330Kb / 3P
   Steep insertion loss characteristics
Last updated07/22/2022
NFA21SL337V1A45B MURATA1-NFA21SL337V1A45B Datasheet
330Kb / 3P
   Steep insertion loss characteristics
Last updated07/22/2022
NFA21SL337V1A45L MURATA1-NFA21SL337V1A45L Datasheet
330Kb / 3P
   Steep insertion loss characteristics
Last updated07/22/2022
NFA21SL337V1A45 MURATA1-NFA21SL337V1A45_V01 Datasheet
330Kb / 3P
   Steep insertion loss characteristics
Last updated07/22/2022
More results

Similar Description - NFA21SL337V1A45

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com