Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFA18SL307V1A45 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # NFA18SL307V1A45
Description  SMD/BLOCK Type EMI Suppression Filters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFA18SL307V1A45 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button NFA18SL307V1A45 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFA18SL307V1A45 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFA18SL307V1A45 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFA18SL307V1A45 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFA18SL307V1A45 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFA18SL307V1A45 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFA18SL307V1A45 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFA18SL307V1A45 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NFA18SL307V1A45 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
105
Part Numbering
NFp Chip EMIFILr
(Part Number)
eDimensions (LgW)
Code
1.6g0.8mm
2.0g1.25mm
3.2g1.6mm
6.8g1.6mm
Dimensions (LgW)
0603
0805
1206
2606
EIA
18
21
31
61
qProduct ID
NF
Chip EMIFILr
Product ID
wStructure
L
W
E
Maltilayer, LC Combined Type
Wire Wound, LC Combined Type
Block, LC Combined Type
Code
Structure
yCharacteristics (NFL/NFW Series)
X
Cut-off Frequency
Code
Characteristics
oPackaging
K
L
B
D
NFW31/NFE
NFW31/NFE
NFL18/NFL21/NFE
NFL18/NFL21
Embossed Taping (ø330mm Reel)
Embossed Taping (ø180mm Reel)
Bulk
Paper Taping (ø180mm Reel)
Code
Packaging
Series
3/7
4
9
Sn Plating
Lead Free Solder Coating
Others
Code
Electrode
NFL
NFW
NFE
Series
uRated Voltage
1A
1C
1E
1H
2A
10V
16V
25V
50V
100V
Code
Rated Voltage
tCut-off Frequency (NFL/NFW Series)
Expressed by three figures. The unit is in hertz (Hz). The first and
second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures.
rFeatures
Code
π Circuit for Signal Lines
T Circuit for Signal Lines
T Circuit for Large Current
Features
SP
ST
PT
iElectrode
yCharacteristics (NFE Series)
B
C
D
E
F
R
U
Z
±10%
±20%, ±22%
+20/-30%, +22/-33%
+20/-55%, +22/-56%
+30/-80%, +22/-82%
±15%
-750
±120ppm/ ˚C
Other
Code
Capacitance Change (Temperature Characteristics)
tCapacitance (NFE Series)
Expressed by three figures. The unit is in pico-farad (pF). The first
and second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures.
LC Combined (1)
t
107
q
NF
y
X
r
ST
e
18
3
io
L
w
L
u
1C


Similar Part No. - NFA18SL307V1A45

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFA18SL307V1A45 MURATA-NFA18SL307V1A45 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
NFA18SL307V1A45 MURATA-NFA18SL307V1A45 Datasheet
99Kb / 3P
   EMIFILr (LC Combined) Array NFA18SL_V Series (0603 Size)
logo
Murata Manufacturing Co...
NFA18SL307V1A45 MURATA1-NFA18SL307V1A45 Datasheet
316Kb / 3P
   NFA18SL series is LC combined EMI filter whose feature is compact size, steep and deep insertion loss curve.
Last updated07/22/2022
logo
Murata Manufacturing Co...
NFA18SL307V1A45B MURATA-NFA18SL307V1A45B Datasheet
243Kb / 11P
   This reference specification applies to Chip EMIFIL짰 LC Combined Array Type NFA18S Series
logo
Murata Manufacturing Co...
NFA18SL307V1A45B MURATA1-NFA18SL307V1A45B Datasheet
316Kb / 3P
   NFA18SL series is LC combined EMI filter whose feature is compact size, steep and deep insertion loss curve.
Last updated07/22/2022
More results

Similar Description - NFA18SL307V1A45

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com