Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86E3116SSG Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z86E3116SSG
Description  Z8 4K OTP MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E3116SSG Datasheet(HTML) 1 Page - Zilog, Inc.

  Z86E3116SSG Datasheet HTML 1Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 2Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 3Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 4Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 5Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 6Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 7Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 8Page - Zilog, Inc. Z86E3116SSG Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
DS97Z8X0502
P R E L I M I N A R Y
1
1
PRELIMINARY PRODUCT SPECIFICATION
Z86E30/E31/E40
1
Z8 4K OTP MICROCONTROLLER
FEATURES
s
Standard Temperature (VCC = 3.5V to 5.5V)
s
Extended Temperature (VCC = 4.5V to 5.5V)
s
Available Packages:
28-Pin DIP/SOIC/PLCC OTP (Z86E30/31 only)
40-Pin DIP OTP (Z86E40 only)
44-Pin PLCC/QFP OTP (Z86E40 only)
s
Software Enabled Watch-Dog Timer (WDT)
s
Push-Pull/Open-Drain Programmable on
Port 0, Port 1, and Port 2
s
24/32 Input/Output Lines
s
Auto Latches
s
Auto Power-On Reset (POR)
s
Programmable OTP Options:
RC Oscillator
EPROM Protect
Auto Latch Disable
Permanently Enabled WDT
Crystal Oscillator Feedback Resistor Disable
RAM Protect
s
Low-Power Consumption: 60 mW
s
Fast Instruction Pointer: 0.75
µs
s
Two Standby Modes: STOP and HALT
s
Digital Inputs CMOS Levels, Schmitt-Triggered
s
Software Programmable Low EMI Mode
s
Two Programmable 8-Bit Counter/Timers Each
with a 6-Bit Programmable Prescaler
s
Six Vectored, Priority Interrupts from Six
Different Sources
s
Two Comparators
s
On-Chip Oscillator that Accepts a Crystal, Ceramic
Resonator, LC, RC, or External Clock Drive
GENERAL DESCRIPTION
The Z86E30/E31/E40 8-Bit One-Time Programmable
(OTP) Microcontrollers are members of Zilog's single-chip
Z8® MCU family featuring enhanced wake-up circuitry,
programmable Watch-Dog Timers, Low Noise EMI op-
tions, and easy hardware/software system expansion ca-
pability.
Four basic address spaces support a wide range of mem-
ory configurations. The designer has access to three addi-
tional control registers that allow easy access to register
mapped peripheral and I/O circuits.
For applications demanding powerful I/O capabilities, the
Z86E30/E31 have 24 pins, and the Z86E40 has 32 pins of
dedicated input and output. These lines are grouped into
four ports, eight lines per port, and are configurable under
software control to provide timing, status signals, and par-
allel I/O with or without handshake, and address/data bus
for interfacing external memory.
Notes: All signals with a preceding front slash, “/”, are
active Low. For example, B/W (WORD is active Low); B/W
(BYTE is active Low, only).
Device
ROM
(KB)
RAM*
(Bytes)
I/O
Lines
Speed
(MHz)
Z86E30
4
237
24
16
Z86E31
2
125
24
16
Z86E40
4
236
32
16
Note: *General-Purpose
44-Pin PLCC/LQFP OTP (Z86E40 only)


Similar Part No. - Z86E3116SSG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E3116SSC ZILOG-Z86E3116SSC Datasheet
453Kb / 66P
   Z8 4K OTP Microcontroller
More results

Similar Description - Z86E3116SSG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E4016PSG ZILOG-Z86E4016PSG Datasheet
5Mb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E30 ZILOG-Z86E30 Datasheet
453Kb / 66P
   Z8 4K OTP Microcontroller
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
   CMOS Z8 OTP MICROCONTROLLER
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
   CMOS Z8 OTP MICROCONTROLLER
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
   CMOS Z8 OTP MICROCONTROLLER
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com