Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8006D3 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN8006D3
Description  4-CH Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8006D3 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN8006D3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8006D3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8006D3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8006D3 Datasheet HTML 9Page - Fairchild Semiconductor FAN8006D3 Datasheet HTML 10Page - Fairchild Semiconductor FAN8006D3 Datasheet HTML 11Page - Fairchild Semiconductor FAN8006D3 Datasheet HTML 12Page - Fairchild Semiconductor FAN8006D3 Datasheet HTML 13Page - Fairchild Semiconductor FAN8006D3 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FAN8006D3
10
3. CH2 Drive Output Schematic
• The reference voltage BIAS is given externally through pin 1.
• The input signal is amplified by (20K/10K) times and then fed to the current conveyor type 2 circuit and the power amp
circuit.
• The power amp circuit produces the differential output voltages and drives two output power amplifier circuits.
• Since the differential gain of the power amplifier is equal to 2
× (1+10K / 10K) , the output signal of the input OP-amp is
amplified totally 8.
• If the total gain is insufficient or large, external resistor can be used to adjust the gain.
M
1
Bias
10K
20K
10K
Power amp
5
R
R
10K
PowVccCH2
DO+ 12
11
DO
Current Conveyor Type 2
10
PowVccCH2
Inside IC


Similar Part No. - FAN8006D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
   4-CH Motor Driver
FAN8001 FAIRCHILD-FAN8001 Datasheet
288Kb / 14P
   5-Channel Motor Driver
FAN8001D FAIRCHILD-FAN8001D Datasheet
288Kb / 14P
   5-Channel Motor Driver
FAN8002D2 FAIRCHILD-FAN8002D2 Datasheet
211Kb / 14P
   2-Channel Motor Drive
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
More results

Similar Description - FAN8006D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
   4-CH Motor Driver
KA9258D FAIRCHILD-KA9258D Datasheet
606Kb / 14P
   4-CH MOTOR DRIVER
logo
List of Unclassifed Man...
D9258PH ETC-D9258PH Datasheet
461Kb / 11P
   4-CH MOTOR DRIVER
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8045G3 FAIRCHILD-FAN8045G3 Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
logo
Richtek Technology Corp...
RT8750 RICHTEK-RT8750 Datasheet
436Kb / 21P
   42 CH Motor Driver for DSC
logo
Fairchild Semiconductor
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com