Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8001 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN8001
Description  5-Channel Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8001 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN8001 Datasheet HTML 1Page - Fairchild Semiconductor FAN8001 Datasheet HTML 2Page - Fairchild Semiconductor FAN8001 Datasheet HTML 3Page - Fairchild Semiconductor FAN8001 Datasheet HTML 4Page - Fairchild Semiconductor FAN8001 Datasheet HTML 5Page - Fairchild Semiconductor FAN8001 Datasheet HTML 6Page - Fairchild Semiconductor FAN8001 Datasheet HTML 7Page - Fairchild Semiconductor FAN8001 Datasheet HTML 8Page - Fairchild Semiconductor FAN8001 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FAN8001D
2
Pin Assignments
Pin Definitions
Pin Number
Pin Name
I/O
Pin Function Description
1
DO1.1
O
Focus output 1 (
−)
2
DO1.2
O
Focus output 2 (+)
3
DI1.1
I
Focus input 1
4
DI1.2
I
Focus input 2 (Adjustable)
5
REB
O
Regulator base
6
REO
O
Regulator output, 5V
7MUTE
I
Mute
8
GND1
-
Ground 1
9
DI5.1
I
Loading input 1
10
DI2
I
Spindle input 2
11
DO2.1
O
Spindle output (+)
12
DO2.2
O
Spindle output (
−)
13
GND2
-
Ground 2
14
DI5.2
I
Loading input 2
15
DO5.1
O
Loading output 1(+)
16
DO5.2
O
Loading output 2(
−)
17
DO3.1
O
Sled output (
−)
18
DO3.2
O
Sled output (+)
19
DI3
I
Sled input
20
LD CTL
I
Loading motor speed control
21
VCC1
-
Supply voltage 1
22
VCC2
-
Supply voltage 2
23
VREF
I
2.5V bias
24
DI4.1
I
Tracking input 1 (Adjustable)
123
4
5
67
89
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
FIN
(GND)
FIN
(GND)
FAN8001D


Similar Part No. - FAN8001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
   4-CH Motor Driver
FAN8002D2 FAIRCHILD-FAN8002D2 Datasheet
211Kb / 14P
   2-Channel Motor Drive
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8005D2 FAIRCHILD-FAN8005D2 Datasheet
341Kb / 16P
   3-CH Motor Driver
FAN8005D2TF FAIRCHILD-FAN8005D2TF Datasheet
341Kb / 16P
   3-CH Motor Driver
More results

Similar Description - FAN8001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA9260D FAIRCHILD-KA9260D Datasheet
295Kb / 15P
   5-CHANNEL MOTOR DRIVER
FAN8025G3 FAIRCHILD-FAN8025G3 Datasheet
189Kb / 13P
   5-Channel Motor Driver
KA9259CD FAIRCHILD-KA9259CD Datasheet
294Kb / 15P
   5-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56758FP MITSUBISHI-M56758FP Datasheet
334Kb / 9P
   5 CHANNEL ACTUATOR MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8705 FAIRCHILD-FAN8705 Datasheet
528Kb / 24P
   5 Channel DSC Motor Driver
logo
Aimtron Technology
AT5558 AIMTRON-AT5558 Datasheet
223Kb / 13P
   5-Channel DSC Motor Driver
logo
Fairchild Semiconductor
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
   Spindle Motor and 5-Channel Motor Driver
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com