Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QEB75 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # QEB75
Description  75 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

QEB75 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  QEB75 Datasheet HTML 1Page - Power Mate Technology Co., LTD QEB75 Datasheet HTML 2Page - Power Mate Technology Co., LTD QEB75 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.pduke.com
2013/5/3
QEB75 SERIES
75 WATTS
DC-DC CONVERTER
INPUT SPECIFICATIONS
Input voltage range
24VDC nominal input
48VDC nominal input
18 ~ 36VDC
36 ~ 75VDC
Input filter
L-C type
Input surge voltage
24VDC input
48VDC input
50VDC 100ms, max.
100VDC 100ms, max.
Start up time
Nominal input and
constant resistive load
Power up
Remote ON/OFF
25ms
25ms
Start-up voltage
24VDC input
48VDC input
18VDC, max.
36VDC, max.
Shutdown voltage
24VDC input
48VDC input
15VDC
32VDC
Remote ON/OFF (Note 6)
Negative logic(Standard)
Positive logic(Option)
DC-DC
ON
DC-DC
OFF
DC-DC
ON
DC-DC
OFF
Short or 0V < Vr < 1.2V
Open or 3V < Vr < 15V
Open or 3V < Vr < 15V
Short or 0V < Vr < 1.2V
Input current of remote control pin
Nominal input
-0.5~1.0mA
Remote off state input current
Nominal input
2.5mA
ENVIRONMENTAL SPECIFICATIONS
Operating base-plate temperature range (Note 7)
-40ºC ~ +100ºC
Over temperature protection
+110ºC
Storage temperature range
-55ºC ~ +125ºC
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity(non-condensing)
5% to 95% RH
EMC CHARACTERISTICS
EMI (Note 8)
EN55022
Class A, Class B
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (Note 9)
EN61000-4-4
± 2kV
Perf. Criteria B
Surge (Note 9)
EN61000-4-5
± 1kV
Perf. Criteria B
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
OUTPUT SPECIFICATIONS
Output power
75 Watts, max.
Voltage accuracy
± 1.5%
Minimum load
0%
Voltage adjustability
(Note 5)
+ 10% , -20%
Line regulation
LL to HL at Full Load
±0.2%
Load regulation
No load to Full Load
±0.3%
Remote Sense
(Note 5)
10% of Vout(nom)
Ripple and noise
20MHz bandwidth
(Measured with a 1µFM/C and a 10µFT/C)
See table
Temperature coefficient
±0.02% / ºC, max.
Transient response recovery time
25% load step change
200µs
Over voltage Protection threshold
(Non-latching Hiccup)
120% of Vout(nom) max.
Over Current Protection threshold
110% ~ 140% of Iout Rated
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input(Output) to Base-plate
1600 VDC, min. 1minute
1000 VDC, min. 1minute
Isolation resistance
500VDC
10
7
ohms, min.
Isolation capacitance
2500 pF, max.
Switching frequency
270kHz±10%
Design meets safety standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Aluminum base-plate
Weight (approx)
42g (1.46 oz)
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
2.500 x 10
6 hrs
4.422 x 10
5 hrs
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Distributed Power Architectures
Semiconductor Equipment
FEATURES
75 WATTS MAXIMUM OUTPUT POWER
SINGLE OUTPUT UP TO 25A
COMPACT 2.28 X 1.45 X 0.50 INCH PACKAGE
HIGH EFFICIENCY UP TO 90%
2:1 WIDE INPUT VOLTAGE RANGE
FIXED SWITCHING FREQUENCY
INDUSTRY STANDARD FOOTPRINT
NO MINIMUM LOAD REQUIRED
ADJUSTABLE OUTPUT VOLTAGE
UNDER-VOLTAGE LOCKOUT
INPUT TO OUTPUT ISOLATION: 1600VDC
CE MARK MEETS 2006/95/EC, 2011/95/EC AND 2004/108/EC
SAFETY MEETS UL60950-1, EN60950-1 AND IEC60950-1
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU
OPTIONS
Positive logic Remote on/off, Pin length
DESCRIPTION
QEB75 single output DC/DC converters provide up to 75 watts of output power in
an industry standard quarter-brick package and footprint. These units are
specifically designed to meet the power needs of low-voltage silicon. All models
feature a wide input range, trimmable output voltage and a 25A current rating.


Similar Part No. - QEB75

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QEB75-24S05 P-DUKE-QEB75-24S05 Datasheet
313Kb / 4P
   75 WATTS MAXIMUM OUTPUT POWER
QEB75-24S05 P-DUKE-QEB75-24S05 Datasheet
389Kb / 3P
   75 WATTS DC-DC CONVERTER
QEB75-24S12 P-DUKE-QEB75-24S12 Datasheet
313Kb / 4P
   75 WATTS MAXIMUM OUTPUT POWER
QEB75-24S12 P-DUKE-QEB75-24S12 Datasheet
389Kb / 3P
   75 WATTS DC-DC CONVERTER
QEB75-24S15 P-DUKE-QEB75-24S15 Datasheet
313Kb / 4P
   75 WATTS MAXIMUM OUTPUT POWER
More results

Similar Description - QEB75

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HEC75 P-DUKE-HEC75 Datasheet
527Kb / 3P
   75 WATTS DC-DC CONVERTER
QEB75 P-DUKE-QEB75_14 Datasheet
389Kb / 3P
   75 WATTS DC-DC CONVERTER
HEC75 P-DUKE-HEC75_14 Datasheet
1Mb / 3P
   75 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DCMQ75 WALL-DCMQ75 Datasheet
525Kb / 7P
   75 Watts DC/DC Railway Converter Single Output
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com