Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QAE150W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # QAE150W
Description  QUARTER-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 132Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

QAE150W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  QAE150W Datasheet HTML 1Page - Power Mate Technology Co., LTD QAE150W Datasheet HTML 2Page - Power Mate Technology Co., LTD QAE150W Datasheet HTML 3Page - Power Mate Technology Co., LTD QAE150W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QAE150W
Page 2 of 4
www.pduke.com
2013/04/08
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
24Vin(nom)
48Vin(nom)
110Vin(nom)
8.5
16.5
40
24
48
110
36
75
160
VDC
Start-up voltage
24Vin(nom)
48Vin(nom)
110Vin(nom)
9
18
43
VDC
Shutdown voltage
24Vin(nom)
48Vin(nom)
110Vin(nom)
7.3
15.5
33.0
8.1
16.3
36.0
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
75
75
100
100
ms
Input surge voltage
1 second, max.
24Vin(nom)
48Vin(nom)
110Vin(nom)
50
100
185
VDC
Input filter (1)
Pi type
Negative logic
(Standard)
DC-DC ON
DC-DC OFF
Short or 0 ~ 1.2VDC
Open or 3 ~ 12 VDC
Referenced to –INPUT pin
Positive logic
(Option)
DC-DC ON
DC-DC OFF
Open or 3 ~ 12 VDC
Short or 0 ~ 1.2VDC
Remote ON/OFF
Input current of CTRL pin
-0.5
1
mA
Remote off input current
3
mA
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.1
+0.1
%
Load regulation
No Load to Full Load
3.3 & 5Vout
Others
-0.2
-0.1
+0.2
+0.1
%
Voltage adjustability
Maximum output deviation is inclusive of remote sense
-20
+10
%
Remote sense
% of Vout(nom). If remote sense is not being used, sense pins should
connect to the output pins with the same polarity.
10
%
Ripple and noise
Measured by 20MHz bandwidth
With a 22µF/25V X7R MLCC
With a 22µF/25V X7R MLCC
With a 4.7µF/50V X7R MLCC
With a 2.2µF/100V X7R MLCC
3.3Vout, 5Vout
12Vout, 15Vout
24Vout, 30Vout
48Vout
75
100
200
300
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
250
µ
s
Over voltage protection
% of Vout(nom); Hiccup mode
115
130
%
Over load protection
% of Iout rated; Hiccup mode
110
140
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute (Basic insulation)
Input to Output
Input (Output) to Base-Plate
2250
2250
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
1500
pF
Switching frequency
270
300
330
kHz
Design meet safety standard
IEC60950-1, UL60950-1,
EN60950-1, EN50155
Case material
Aluminum base-plate with plastic case
Potting material
Silicon (UL94-V0)
Dimensions
2.28 X 1.45 X 0.50 Inch
(57.9×36.8×12.7 mm)
Weight
64g (2.26oz)
MTBF
BELLCORE TR-NWT-000332 Case 1: 50% Stress, Ta= 40
.
MIL-HDBK-217F Ta=25
, Full load
(G/B, controlled environment)
9.742 x 10
5 hrs
8.573 x 10
4 hrs


Similar Part No. - QAE150W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QAE150W P-DUKE-QAE150W_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
More results

Similar Description - QAE150W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QAE100W P-DUKE-QAE100W Datasheet
752Kb / 4P
   QUARTER-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 90Watts
QAE150 P-DUKE-QAE150 Datasheet
751Kb / 4P
   QUARTER-BRICK DC-DC CONVERTER 2:1 ULTRA WIDE INPUT RANGE UP TO 150Watts
QAE100 P-DUKE-QAE100 Datasheet
687Kb / 4P
   QUARTER-BRICK DC-DC CONVERTER 2:1 ULTRA WIDE INPUT RANGE UP TO 108Watts
HAE75W P-DUKE-HAE75W Datasheet
666Kb / 4P
   HALF-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 75Watts
HAE200W P-DUKE-HAE200W Datasheet
997Kb / 4P
   HALF-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 240 Watts
logo
Murata Manufacturing Co...
PAQ MURATA-PAQ Datasheet
776Kb / 16P
   Up to 150W 29.8V Nom Output Quarter-Brick Isolated DC-DC Converter with 2:1 Wide Input Range
logo
Power Mate Technology C...
HAE100 P-DUKE-HAE100 Datasheet
785Kb / 4P
   HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 100 Watts
HAE200 P-DUKE-HAE200 Datasheet
768Kb / 4P
   HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 255 Watts
logo
Mean Well Enterprises C...
RQB40W12 MEANWELL-RQB40W12 Datasheet
153Kb / 8P
   40W Quarter Brick 14~160Vdc Ultra-wide Input Railway DC-DC Converter
2022-12-12
logo
DATEL, Inc.
QBR DATEL-QBR Datasheet
836Kb / 15P
   Quarter-Brick Up to 100 Watts DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com