Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA9268D Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # KA9268D
Description  4-CH Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA9268D Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button KA9268D Datasheet HTML 5Page - Fairchild Semiconductor KA9268D Datasheet HTML 6Page - Fairchild Semiconductor KA9268D Datasheet HTML 7Page - Fairchild Semiconductor KA9268D Datasheet HTML 8Page - Fairchild Semiconductor KA9268D Datasheet HTML 9Page - Fairchild Semiconductor KA9268D Datasheet HTML 10Page - Fairchild Semiconductor KA9268D Datasheet HTML 11Page - Fairchild Semiconductor KA9268D Datasheet HTML 12Page - Fairchild Semiconductor KA9268D Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FAN8000D (KA9268D)
10
Typical Performance Characteristics (Continued)
Temp vs. ICC
Temp vs. VREG
Temp vs. ISOURCE
Temp vs. ICCM
11.5
9.5
7.5
5.5
13..5
-25
0
25
50
75
100
Temp [
°C]
Temp [
°C]
Temp [
°C]
Temp [
°C]
0
1
2
3
4
5
6
-25
0
25
50
75
100
4.75
4.85
4.95
5.05
5.15
5.25
-25
0
25
50
75
100
-25
0
25
50
75
100
1000
1100
1200
1300
1400
1500
VCC=13V
PIN23=2.5V
PIN23=2.5V
RL=4Ω
PIN23=2.5V
VCC=13V


Similar Part No. - KA9268D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA9260CD FAIRCHILD-KA9260CD Datasheet
295Kb / 15P
   5-CHANNEL MOTOR DRIVER
KA9260CDTF FAIRCHILD-KA9260CDTF Datasheet
295Kb / 15P
   5-CHANNEL MOTOR DRIVER
KA9260D FAIRCHILD-KA9260D Datasheet
295Kb / 15P
   5-CHANNEL MOTOR DRIVER
More results

Similar Description - KA9268D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
   4-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
KA9258D FAIRCHILD-KA9258D Datasheet
606Kb / 14P
   4-CH MOTOR DRIVER
logo
List of Unclassifed Man...
D9258PH ETC-D9258PH Datasheet
461Kb / 11P
   4-CH MOTOR DRIVER
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8045G3 FAIRCHILD-FAN8045G3 Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
logo
Richtek Technology Corp...
RT8750 RICHTEK-RT8750 Datasheet
436Kb / 21P
   42 CH Motor Driver for DSC
logo
Fairchild Semiconductor
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com