Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2068MD-T1 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2068MD-T1
Description  LOW-NOISE DUAL OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2068MD-T1 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2068MD-T1 Datasheet HTML 1Page - New Japan Radio NJM2068MD-T1 Datasheet HTML 2Page - New Japan Radio NJM2068MD-T1 Datasheet HTML 3Page - New Japan Radio NJM2068MD-T1 Datasheet HTML 4Page - New Japan Radio NJM2068MD-T1 Datasheet HTML 5Page - New Japan Radio NJM2068MD-T1 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NJM2068
- 1 -
Ver.2011-03-18
LOW-NOISE DUAL OPERATIONAL AMPLIFIER
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJM2068 is a high performance, low noise dual operational
amplifier. This amplifier features popular pin-out, superior noise
performance, and superior total harmonic distortion. This amplifier
also features guaranteed noise performance with substantially higher
gain-bandwidth product and slew rate, which far exceeds that of the
4558 type amplifier.
The specially designed low noise input transistors allow the
NJM2068 to be used in very low noise signal processing applications
such as audio preamplifiers and servo error amplifier.
The D-Rank type products(NJM2068DD/LD/MD) have specified
maximum limits for equivalent input noise voltage.
■ FEATURES
● Operating Voltage
±4V~±18V
● Low Total Harmonic Distortion
0.001
%
● Low Noise Voltage
0.56µV (FLAT+JISA)
● High Slew Rate
6V/µs
● Unity Gain Bandwidth
27MHz (f=10kHz)
● Bipolar Technology
● Package Outline
DIP8, DMP8, SIP8, SSOP8
■ PIN CONFIGURATION
■ EQUIVALENT CIRCUIT ( 1/2 Shown )
1
2
3
4
8
7
6
5
B
A
PIN FUNCTION
1.A OUTPUT
2.A –INPUT
3.A +INPUT
4.V
-
5.B +INPUT
6.B –INPUT
7.B OUTPUT
8.V
+
1
234567
8
B
A
Top View
DIP8, DMP8,
SSOP8 Package
SIP8 Package
NJM2068D
(DIP8)
NJM2068M
(DMP8)
NJM2068V
(SSOP8)
NJM2068L
(SIP8)


Similar Part No. - NJM2068MD-T1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2068M NJRC-NJM2068M Datasheet
242Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER??????
NJM2068M NJRC-NJM2068M Datasheet
157Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
2011-03-18
More results

Similar Description - NJM2068MD-T1

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
   Low-Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com