Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAE75W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # HAE75W
Description  HALF-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 75Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

HAE75W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  HAE75W Datasheet HTML 1Page - Power Mate Technology Co., LTD HAE75W Datasheet HTML 2Page - Power Mate Technology Co., LTD HAE75W Datasheet HTML 3Page - Power Mate Technology Co., LTD HAE75W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HAE75W
Page 2 of 4
www.pduke.com
2013/1/23
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
24Vin(nom)
48Vin(nom)
110Vin(nom)
9
18
43
24
48
110
36
75
160
VDC
Start up voltage
24Vin(nom)
48Vin(nom)
110Vin(nom)
9
18
43
VDC
Shutdown voltage
24Vin(nom)
48Vin(nom)
110Vin(nom)
7.5
16
36
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
110Vin(nom)
Others
110Vin(nom)
Others
60
25
60
25
ms
Input surge voltage
100m second, max.
24Vin(nom)
48Vin(nom)
110Vin(nom)
50
100
185
VDC
Input filter (1)
Pi type
Negative logic
(Standard)
DC-DC ON
DC-DC OFF
Short or 0 ~ 1.2VDC
Open or 3 ~ 12 VDC
Referenced to –INPUT pin
Positive logic
(Option)
DC-DC ON
DC-DC OFF
Open or 3 ~ 12 VDC
Short or 0 ~ 1.2VDC
Remote ON/OFF
Input current of CTRL pin
-0.5
1
mA
Remote off input current
3
mA
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.1
+0.1
%
Load regulation
No Load to Full Load
-0.1
+0.1
%
Voltage adjustability
Maximum output deviation is inclusive of remote sense
-20
+10
%
Remote sense
% of Vout(nom)
If remote sense is not being used, SENSE pins should be connected to
corresponding polarity OUTPUT pins.
10
%
Ripple and noise
Measured by 20MHz bandwidth
With a 4.7µF/50V X7R MLCC
With a 4.7µF/50V X7R MLCC
With a 4.7µF/50V X7R MLCC
With a 2.2µF/100V X7R MLCC
3.3Vout, 5Vout
12Vout, 15Vout
24Vout, 28Vout
48Vout
75
100
200
300
100
125
250
350
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
200
250
µ
s
Over voltage protection
% of Vout(nom); Hiccup mode
115
130
%
Over load protection
% of Iout rated; Hiccup mode
110Vin(nom)
Others
110
150
140
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute (Basic insulation)
Input to Output
Input (Output) to Case
2250
1600
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
2500
pF
Switching frequency
270
300
330
kHz
Design meet safety standard
IEC60950-1, UL60950-1, EN60950-1
EN50155
Case material
24Vin(nom) and 48Vin(nom)
110Vin(nom)
Metal
Aluminum base-plate with plastic case
Base material
24Vin(nom) and 48Vin(nom)
FR4 PCB
Potting material
Silicon (UL94-V0)
Dimensions
2.40×2.28×0.50 Inch
(61.0×57.9×12.7 mm)
Weight
97g (3.42oz)
MTBF
BELLCORE TR-NWT-000332 Case 1: 50% Stress, Ta= 40
.
MIL-HDBK-217F Ta=25
, Full load
(G/B, controlled environment)
1.010×10
6 hrs
7.416×10
4 hrs


Similar Part No. - HAE75W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE75W P-DUKE-HAE75W_14 Datasheet
688Kb / 4P
   HALF-BRICK DC-DC CONVERTER
More results

Similar Description - HAE75W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE200W P-DUKE-HAE200W Datasheet
997Kb / 4P
   HALF-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 240 Watts
QAE100W P-DUKE-QAE100W Datasheet
752Kb / 4P
   QUARTER-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 90Watts
QAE150W P-DUKE-QAE150W Datasheet
759Kb / 4P
   QUARTER-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 132Watts
HAE200 P-DUKE-HAE200 Datasheet
768Kb / 4P
   HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 255 Watts
HAE100 P-DUKE-HAE100 Datasheet
785Kb / 4P
   HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 100 Watts
QAE150 P-DUKE-QAE150 Datasheet
751Kb / 4P
   QUARTER-BRICK DC-DC CONVERTER 2:1 ULTRA WIDE INPUT RANGE UP TO 150Watts
QAE100 P-DUKE-QAE100 Datasheet
687Kb / 4P
   QUARTER-BRICK DC-DC CONVERTER 2:1 ULTRA WIDE INPUT RANGE UP TO 108Watts
logo
Murata Power Solutions ...
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
logo
Delta Electronics, Inc.
PH02S DELTA-PH02S Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com