Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8000D Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN8000D
Description  4-CH Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8000D Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN8000D Datasheet HTML 1Page - Fairchild Semiconductor FAN8000D Datasheet HTML 2Page - Fairchild Semiconductor FAN8000D Datasheet HTML 3Page - Fairchild Semiconductor FAN8000D Datasheet HTML 4Page - Fairchild Semiconductor FAN8000D Datasheet HTML 5Page - Fairchild Semiconductor FAN8000D Datasheet HTML 6Page - Fairchild Semiconductor FAN8000D Datasheet HTML 7Page - Fairchild Semiconductor FAN8000D Datasheet HTML 8Page - Fairchild Semiconductor FAN8000D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FAN8000D (KA9268D)
5
Equivalent Circuits (Continued)
Absolute Maximum Ratings ( Ta=25
°°°°C)
Notes:
1. When mounted on 76.2mm
× 114mm × 1.57mm PCB (Phenolic resin material).
2. Power dissipation reduces 13.6mW /
°C for using above Ta=25°C
3. Do not exceed Pd and SOA (Safe Operating Area).
Recommended Operating Condition ( Ta=25
°°°°C)
Op amp output
Op amp input
Parameter
Symbol
Value
Unit
Supply voltage
VCC
18
V
Power dissipation
PD
1.7note
W
Operating temperature
TOPR
−40 ~ +85
°C
Storage temperature
TSTG
−55 ~ +150
°C
Maximum output current
IOMAX
1A
Parameter
Symbol
Value
Unit
Operating supply voltage
VCC
4.5 ~ 13.2
V
14
50
50
VCC
VCC
50
15
VCC
50
VCC
VCC
16
50
4.8k
4.8k
3,000
2,000
1,000
0
0
25
50
75
100
125
150
175
Pd (mW)
Ambient temperature, Ta [
°C]


Similar Part No. - FAN8000D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8001 FAIRCHILD-FAN8001 Datasheet
288Kb / 14P
   5-Channel Motor Driver
FAN8001D FAIRCHILD-FAN8001D Datasheet
288Kb / 14P
   5-Channel Motor Driver
FAN8002D2 FAIRCHILD-FAN8002D2 Datasheet
211Kb / 14P
   2-Channel Motor Drive
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8005D2 FAIRCHILD-FAN8005D2 Datasheet
341Kb / 16P
   3-CH Motor Driver
More results

Similar Description - FAN8000D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
   4-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
KA9258D FAIRCHILD-KA9258D Datasheet
606Kb / 14P
   4-CH MOTOR DRIVER
logo
List of Unclassifed Man...
D9258PH ETC-D9258PH Datasheet
461Kb / 11P
   4-CH MOTOR DRIVER
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8045G3 FAIRCHILD-FAN8045G3 Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
logo
Richtek Technology Corp...
RT8750 RICHTEK-RT8750 Datasheet
436Kb / 21P
   42 CH Motor Driver for DSC
logo
Fairchild Semiconductor
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com