Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5240QSC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN5240QSC
Description  Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5240QSC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5240QSC Datasheet HTML 1Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 2Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 3Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 4Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 5Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 6Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 7Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 8Page - Fairchild Semiconductor FAN5240QSC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
FAN5240
PRODUCT SPECIFICATION
4
REV. 1.1.7 8/29/02
Absolute Maximum Ratings
Absolute maximum ratings are the values beyond which the device may be damaged or have its useful life
impaired. Functional operation under these conditions is not implied.
Recommended Operating Conditions
20
SS
Soft Start. A capacitor from this pin to GND programs the slew rate of the converter during
initialization as well as in operation. This pin is used as the reference against which the
output is compared. During initialization, this pin is charged with a 25
µA current source.
Once this pin reaches 0.5V, its function changes, and it assumes the value of the voltage
as set by the VID programming. The current driving this pin is then limited to ±500
µA, that
together with CSS sets a controlled slew rate for VID code changes.
21
VIN
Input voltage from battery. This voltage is used by the oscillator for feed-forward
compensation of input voltage variation.
28
VCC
VCC. This pin powers the chip. The IC starts to operate when voltage on this pin exceeds
4.6V (UVLO rising) and shuts down when it drops below 4.3V (UVLO falling).
Parameter
Min.
Typ.
Max.
Units
VCC Supply Voltage:
6.5
V
VIN
27
V
BOOT, SW, HDRV Pins
33
V
BOOT to SW
6.5
V
All Other Pins
–0.3
VCC+0.3
V
Junction Temperature (TJ )
–10
150
°C
Storage Temperature
–65
150
°C
Lead Soldering Temperature, 10 seconds
300
°C
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Voltage VCC
4.75
5
5.25
V
Supply Voltage VIN
6
24
V
Ambient Temperature (TA )
–20
85
°C
Pin Definitions (continued)
Pin
Number
Pin
Name
Pin Function Description


Similar Part No. - FAN5240QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5240QSC FAIRCHILD-FAN5240QSC Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
FAN5240QSCX FAIRCHILD-FAN5240QSCX Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
More results

Similar Description - FAN5240QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240_06 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Winbond
W83304D WINBOND-W83304D Datasheet
373Kb / 16P
   ACPI Controller For AMD Claw Hammer TM CPU
logo
Advanced Micro Devices
AMD-751 AMD-AMD-751 Datasheet
172Kb / 14P
   AMD-751-TM System Controller Revision Guide
logo
ON Semiconductor
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
logo
Advanced Micro Devices
SC3200 AMD-SC3200 Datasheet
3Mb / 447P
   AMD GEODE-TM SC3200 PROCESSOR
AMD-761 AMD-AMD-761 Datasheet
2Mb / 264P
   AMD-761-TM System Controller Software/BIOS Design Guide
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com