Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5236QSC Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN5236QSC
Description  Dual Mobile-Friendly DDR / Dual-output PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5236QSC Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5236QSC Datasheet HTML 5Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 6Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 7Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 8Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 9Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 10Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 11Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 12Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
FAN5236
PRODUCT SPECIFICATION
REV. 1.1.7 4/4/03
9
Circuit Description
Overview
The FAN5236 is a multi-mode, dual channel PWM control-
ler intended for graphic chipset, SDRAM, DDR DRAM or
other low voltage power applications in modern notebook,
desktop, and sub-notebook PCs. The IC integrates a control
circuitry for two synchronous buck converters. The output
voltage of each controller can be set in the range of 0.9V to
5.5V by an external resistor divider.
The two synchronous buck converters can operate from
either an unregulated DC source (such as a notebook battery)
with voltage ranging from 5.0V to 24V, or from a regulated
system rail of 3.3V to 5V. In either mode of operation the IC
is biased from a +5V source. The PWM modulators use an
average current mode control with input voltage feed-for-
ward for simplified feedback loop compensation and
improved line regulation. Both PWM controllers have inte-
grated feedback loop compensation that dramatically
reduces the number of external components.
Depending on the load level, the converters can operate
either in fixed frequency PWM mode or in a hysteretic mode.
Switch-over from PWM to hysteretic mode improves the
converters’ efficiency at light loads and prolongs battery run
time. In hysteretic mode, comparators are synchronized to
the main clock that allows seamless transition between the
operational modes and reduced channel-to-channel interac-
tion. The hysteretic mode of operation can be inhibited inde-
pendently for each channel if variable frequency operation is
not desired.
The FAN5236 can be configured to operate as a complete
DDR solution. When the DDR pin is set high, the second
channel can provide the capability to track the output voltage
of the first channel. The PWM2 converter is prevented from
going into hysteretic mode if the DDR pin is set high. In
DDR mode, a buffered reference voltage (buffered voltage of
the REF2 pin), required by DDR memory chips, is provided
by the PG2 pin.
Converter Modes and Synchronization
Table 3. Converter modes and Synchronization
When used as a dual converter (as in Figure 5), out-of-phase
operation with 180 degree phase shift reduces input current
ripple.
For the “2-step” conversion (where the VTT is converted
from VDDQ as in Figure 4) used in DDR mode, the duty
cycle of the second converter is nominally 50% and the opti-
mal phasing depends on VIN. The objective is to keep noise
generated from the switching transition in one converter
from influencing the "decision" to switch in the other con-
verter.
When VIN is from the battery, it’s typically higher than 7.5V.
As shown in Figure 6, 180° operation is undesirable since
the turn-on of the VDDQ converter occurs very near the
decision point of the VTT converter.
Figure 6. Noise-susceptible 180° phasing for DDR1
In-phase operation is optimal to reduce inter-converter inter-
ference when VIN is higher than 5V, (when VIN is from a
battery), as can be seen in Figure 7. Since the duty cycle
of PWM1 (generating VDDQ) is short, it’s switching point
occurs far away from the decision point for the VTT
regulator, whose duty cycle is nominally 50%.
Figure 7. Optimal In-Phase operation for DDR1
When VIN
≈ 5V, 180° phase shifted operation can be
rejected for the same reasons demonstrated Figure 6.
In-phase operation with VIN
≈ 5V is even worse, since the
switch point of either converter occurs near the switch point
of the other converter as seen in Figure 8. In this case, as
VIN is a little higher than 5V it will tend to cause early
termination of the VTT pulse width. Conversely, VTT’s
switch point can cause early termination of the VDDQ pulse
width when VIN is slightly lower than 5V.
Mode
VIN
VIN Pin
DDR
Pin
PWM 2 w.r.t.
PWM1
DDR1
Battery
VIN
HIGH
IN PHASE
DDR2
+5V
R to GND
HIGH
+ 90°
DUAL
ANY
VIN
LOW
+ 180°
VDDQ
VTT
CLK
VDDQ
VTT
CLK


Similar Part No. - FAN5236QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236QSC FAIRCHILD-FAN5236QSC Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236QSCX FAIRCHILD-FAN5236QSCX Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
More results

Similar Description - FAN5236QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com