Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5236QSC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN5236QSC
Description  Dual Mobile-Friendly DDR / Dual-output PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5236QSC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN5236QSC Datasheet HTML 1Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 2Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 3Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 4Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 5Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 6Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 7Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 8Page - Fairchild Semiconductor FAN5236QSC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
FAN5236
PRODUCT SPECIFICATION
REV. 1.1.7 4/4/03
5
Electrical Specifications Recommended operating conditions, unless otherwise noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
VCC Current
LDRV, HDRV Open, VSEN forced
above regulation point
2.2
3.0
mA
Shut-down (EN=0)
30
µA
VIN Current – Sinking
VIN = 24V
10
30
µA
VIN Current – Sourcing
VIN = 0V
–15
–30
µA
VIN Current – Shut-down
1
µA
UVLO Threshold
Rising VCC
4.3
4.55
4.75
V
Falling
4.1
4.25
4.45
V
UVLO Hysteresis
300
mV
Oscillator
Frequency
255
300
345
KHz
Ramp Amplitude, pk–pk
VIN = 16V
2
V
Ramp Amplitude, pk–pk
VIN = 5V
1.25
V
Ramp Offset
0.5
V
Ramp / VIN Gain
VIN
≥ 3V
125
mV/V
Ramp / VIN Gain
1V < VIN < 3V
250
mV/V
Reference and Soft Start
Internal Reference Voltage
0.891
0.9
0.909
V
Soft Start current (ISS)
at start-up
5
µA
Soft Start Complete Threshold
1.5
V
PWM Converters
Load Regulation
IOUTX from 0 to 5A, VIN from 5 to 24V
-2
+2
%
VSEN Bias Current
50
80
120
nA
VOUT pin input impedance
45
55
65
K
Under-voltage Shutdown
as % of set point. 2
µS noise filter
70
75
80
%
Over-voltage threshold
as % of set point. 2
µS noise filter
115
120
125
%
ISNS Over-Current threshold
RILIM= 68.5KΩ see Figure 11.
112
140
168
µA
Output Drivers
HDRV Output Resistance
Sourcing
12
15
Sinking
2.4
4
LDRV Output Resistance
Sourcing
12
15
Sinking
1.2
2
PG (Power Good Output) and Control pins
Lower Threshold
as % of set point, 2
µS noise filter
–86
–94
%
Upper Threshold
as % of set point, 2
µS noise filter
108
116
%
PG Output Low
IPG = 4mA
0.5
V
Leakage Current
VPULLUP = 5V
1
µA
PG2/REF2OUT Voltage
DDR = 1, 0 mA < IREF2OUT ≤10mA
99
1.01
%
VREF2


Similar Part No. - FAN5236QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236QSC FAIRCHILD-FAN5236QSC Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236QSCX FAIRCHILD-FAN5236QSCX Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
More results

Similar Description - FAN5236QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com