Electronic Components Datasheet Search |
|
W25Q16DVSNIP Datasheet(PDF) 8 Page - Winbond |
|
W25Q16DVSNIP Datasheet(HTML) 8 Page - Winbond |
8 / 81 page W25Q16DV - 8 - 3.5 Pin Configuration SOIC 300-mil 1 2 3 4 /CS DO (IO 1)/ 2) GND VCC /HOLD (IO 3) DI (IO 0) CLK Top View NC NC NC NC NC NC NC NC 5 6 7 8 10 9 11 12 13 14 15 16 WP (IO Figure 1d. W25Q16DV Pin Assignments, 16-pin SOIC 300-mil (Package Code SF) 3.6 Pin Description SOIC 300-mil PIN NO. PIN NAME I/O FUNCTION 1 /HOLD (IO3) I/O Hold Input (Data Input Output 3)* 2 2 VCC Power Supply 3 N/C No Connect 4 N/C No Connect 5 N/C No Connect 6 N/C No Connect 7 /CS I Chip Select Input 8 DO (IO1) I/O Data Output (Data Input Output 1)* 1 9 /WP (IO2) I/O Write Protect Input (Data Input Output 2)* 2 10 GND Ground 11 N/C No Connect 12 N/C No Connect 13 N/C No Connect 14 N/C No Connect 15 DI (IO0) I/O Data Input (Data Input Output 0)* 1 16 CLK I Serial Clock Input *1 IO0 and IO1 are used for Standard and Dual SPI instructions *2 IO0 – IO3 are used for Quad SPI instructions |
Similar Part No. - W25Q16DVSNIP |
|
Similar Description - W25Q16DVSNIP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |