Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5240 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN5240
Description  Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5240 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5240 Datasheet HTML 7Page - Fairchild Semiconductor FAN5240 Datasheet HTML 8Page - Fairchild Semiconductor FAN5240 Datasheet HTML 9Page - Fairchild Semiconductor FAN5240 Datasheet HTML 10Page - Fairchild Semiconductor FAN5240 Datasheet HTML 11Page - Fairchild Semiconductor FAN5240 Datasheet HTML 12Page - Fairchild Semiconductor FAN5240 Datasheet HTML 13Page - Fairchild Semiconductor FAN5240 Datasheet HTML 14Page - Fairchild Semiconductor FAN5240 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PRODUCT SPECIFICATION
FAN5240
REV. 1.1.7 8/29/02
11
Additionally, the CPU power dissipation is also slightly
reduced as it is proportional to the applied voltage squared
and even slight voltage decrease translates to a measurable
reduction in power dissipated.
Figure 7. Effect of Active Droop on ESR
The processor regulation window including transients is
specified as +100mV..–50mV. To accommodate the droop,
the output voltage of the converter is raised by about 30mV
at no load.
The converter response to the load step is shown in Figure 8.
At zero load current, the output voltage is raised ~30mV
above nominal value of 1.5V. When the load current
increases, the output voltage droops down approximately
55mV. Due to use of Active Droop, the converter’s output
voltage adaptively changes with the load current allowing
better utilization of the regulation window.
Figure 8. Converter response to 5A load step
The current through each RSENSE resistor (ISNS) is sam-
pled shortly after LDRV is turned on. That current is held for
the remainder of the cycle, and then injected to produce an
offset to VCORE+ through the external 1K resistor (R6 in
Figure 1). This creates a voltage at the input to the error
amplifier that rises with increasing current, causing the regu-
lator’s output to droop as the current increases.
Gate Driver section
The gate control logic translates the internal PWM control
signal into the MOSFET gate drive signals providing
necessary amplification, level shifting and shoot-through
protection. Also, it has functions that help optimize the IC
performance over a wide range of operating conditions.
Since MOSFET switching time can vary dramatically from
type to type and with the input voltage, the gate control logic
provides adaptive dead time by monitoring the gate-to-
source voltages of both upper and lower MOSFETs. The
lower MOSFET drive is not turned on until the gate-to-
source voltage of the upper MOSFET has decreased to less
than approximately 1 volt. Similarly, the upper MOSFET is
not turned on until the gate-to-source voltage of the lower
MOSFET has decreased to less than approximately 1 volt.
This allows a wide variety of upper and lower MOSFETs to
be used without a concern for simultaneous conduction, or
shoot-through.
There must be a low – resistance, low – inductance path
between the driver pin and the MOSFET gate for the adap-
tive dead-time circuit to work properly. Any delay along that
path will subtract from the delay generated by the adaptive
dead-time circit and a shoot-through condition may occur.
Frequency Loop Compensation
Due to the implemented current mode control, the modulator
has a single pole response with -1 slope at frequency deter-
mined by load
where RO is load resistance, CO is load capacitance. For this
type of modulator Type 2 compensation circuit is usually
sufficient. To reduce the number of external components and
simplify the design task, the PWM controller has an inter-
nally compensated error amplifier. Figure 9 shows a Type 2
amplifier and its response along with the responses of a cur-
rent mode modulator and of the converter. The Type 2 ampli-
fier, in addition to the pole at the origin, has a zero-pole pair
that causes a flat gain region at frequencies between the zero
and the pole.
ILOAD
Vout
(no droop)
Vout
droop
≈ ESR
upper lim
lower lim
lower lim
V
ES
V
ES
upper lim
V
DROOP
I
LOAD
R
DS ON
()
3R
SENSE
--------------------------------------------
=
(7)
F
PO
1
2
πR
OCO
------------------------
=
(8)


Similar Part No. - FAN5240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
FAN5240MTC FAIRCHILD-FAN5240MTC Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
FAN5240MTCX FAIRCHILD-FAN5240MTCX Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
FAN5240QSC FAIRCHILD-FAN5240QSC Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
FAN5240QSCX FAIRCHILD-FAN5240QSCX Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
More results

Similar Description - FAN5240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240_06 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Winbond
W83304D WINBOND-W83304D Datasheet
373Kb / 16P
   ACPI Controller For AMD Claw Hammer TM CPU
logo
Advanced Micro Devices
AMD-751 AMD-AMD-751 Datasheet
172Kb / 14P
   AMD-751-TM System Controller Revision Guide
logo
ON Semiconductor
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
logo
Advanced Micro Devices
SC3200 AMD-SC3200 Datasheet
3Mb / 447P
   AMD GEODE-TM SC3200 PROCESSOR
AMD-761 AMD-AMD-761 Datasheet
2Mb / 264P
   AMD-761-TM System Controller Software/BIOS Design Guide
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com