Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5234MTC Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN5234MTC
Description  Mobile-Friendly PWM/PFM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5234MTC Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5234MTC Datasheet HTML 6Page - Fairchild Semiconductor FAN5234MTC Datasheet HTML 7Page - Fairchild Semiconductor FAN5234MTC Datasheet HTML 8Page - Fairchild Semiconductor FAN5234MTC Datasheet HTML 9Page - Fairchild Semiconductor FAN5234MTC Datasheet HTML 10Page - Fairchild Semiconductor FAN5234MTC Datasheet HTML 11Page - Fairchild Semiconductor FAN5234MTC Datasheet HTML 12Page - Fairchild Semiconductor FAN5234MTC Datasheet HTML 13Page - Fairchild Semiconductor FAN5234MTC Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PRODUCT SPECIFICATION
FAN5234
10
REV. 1.0.10 5/3/04
Setting the Output Voltage
The internal reference is 0.9V. The output is divided down by
a voltage divider to the VSEN pin (for example, R1 and R2
in Figure 1). The output voltage therefore is:
To minimize noise pickup on this node, keep the resistor to
GND (R2) below 2K. We selected R2 at 1.82K. Then choose
R5:
Output Inductor Selection
The minimum practical output inductor value is the one that
keeps inductor current just on the boundary of continuous
conduction at some minimum load. The industry standard
practice is to choose the ripple current to be somewhere from
15% to 35% of the nominal current. At light load, the ripple
current also determines the point where the converter will
automatically switch to hysteretic mode of operation (IMIN)
to sustain high efficiency. The following equations help to
choose the proper value of the output filter inductor.
where
∆I is the inductor ripple current, which we will choose
for 20% of the full load current and
∆V
OUT is the maximum
output ripple voltage allowed.
for this example we'll use:
VIN = 20V, VOUT = 1.8V
∆I = 20% * 3.5A = 0.7A
FSW = 300KHz.
therefore
L
≈ 8µH
Output Capacitor Selection
The output capacitor serves two major functions in a switch-
ing power supply. Along with the inductor it filters the
sequence of pulses produced by the switcher, and it supplies
the load transient currents. The output capacitor require-
ments are usually dictated by ESR, Inductor ripple current
(
∆I) and the allowable ripple voltage (∆V).
For our example,
In addition, the capacitor's ESR must be low enough to allow
the converter to stay in regulation during a load step. The rip-
ple voltage due to ESR for the converter in Figure 1 is
100mV P-P. Some additional ripple will appear due to the
capacitance value itself:
which is only about 1.5mV for the converter in Figure 1 and
can be ignored.
The capacitor must also be rated to withstand the RMS cur-
rent which is approximately 0.3 X (
∆I), or about 210mA for
our example. High frequency decoupling capacitors should
be placed as close to the loads as physically possible.
Input Capacitor Selection
The input capacitor should be selected by its ripple current
rating. The input RMS current at maximum load current (IL)
is:
where the converter duty cycle;
, which for
the circuit in Figure 1, with VIN=6 calculates to:
Power MOSFET Selection
Losses in a MOSFET are the sum of its switching (P
SW) and
conduction (P
COND ) losses.
In typical applications, the FAN5234 converter's output volt-
age is low with respect to its input voltage, therefore the
Lower MOSFET (Q2) is conducting the full load current for
most of the cycle. Q2 should be therefore be selected to min-
imize conduction losses, thereby selecting a MOSFET with
low RDS(ON).
In contrast, the high-side MOSFET (Q1) has a much shorter
duty cycle, and it's conduction loss will therefore have less of
an impact. Q1, however, sees most of the switching losses,
so Q1's primary selection criteria should be gate charge.
High-Side Losses:
Figure 8 shows a MOSFET's switching interval, with the
upper graph being the voltage and current on the Drain to
Source and the lower graph detailing VGS vs. time with a
constant current charging the gate. The x-axis therefore is
also representative of gate charge (QG) . CISS = CGD + CGS,
and it controls t1, t2, and t4 timing. CGD receives the current
from the gate driver during t3 (as VDS is falling). The gate
charge (QG) parameters on the lower graph are either speci-
fied or can be derived from MOSFET datasheets.
0.9V
R2
------------
V
OUT
0.9V
R1
---------------------------------
=
(9a)
R5
1.82K
()
1.8V
0.9
()
0.9
--------------------------------------------------------
1.82K
==
(9b)
∆I2 I
MIN
∆V
OUT
ESR
------------------
==
(10)
L
V
IN
V
OUT
F
SW
∆I
×
------------------------------
V
OUT
V
IN
--------------
×
=
(11)
ESR
∆V
∆I
--------
<
(12)
ESR
MAX
()
∆V
∆I
--------
0.1V
0.7A
------------
142m
==
=
∆V
∆I
C
OUT
8
×
F
SW
×
-----------------------------------------
=
(13)
I
RMS
I
L
DD
2
=
(14)
D
V
OUT
V
IN
--------------
=
I
RMS
1.6A
=


Similar Part No. - FAN5234MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5234MTCX FAIRCHILD-FAN5234MTCX Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
More results

Similar Description - FAN5234MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234_10 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
   Single Output Mobile-Friendly PWM Controller
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com