Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV2300 Datasheet(PDF) 2 Page - Texas Instruments

Part # EV2300
Description  EVM INTERFACE BOARD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EV2300 Datasheet(HTML) 2 Page - Texas Instruments

  EV2300 Datasheet HTML 1Page - Texas Instruments EV2300 Datasheet HTML 2Page - Texas Instruments EV2300 Datasheet HTML 3Page - Texas Instruments EV2300 Datasheet HTML 4Page - Texas Instruments EV2300 Datasheet HTML 5Page - Texas Instruments EV2300 Datasheet HTML 6Page - Texas Instruments EV2300 Datasheet HTML 7Page - Texas Instruments EV2300 Datasheet HTML 8Page - Texas Instruments EV2300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Introduction
www.ti.com
1
Introduction
This EVM interface board enables an IBM-compatible or other type (with required driver for the particular
platform) PC to communicate with Texas Instruments SMBus, HDQ, or DQ interface gas gauges via a
Universal Serial Bus (USB) port. In addition to this board, PC software is required to interpret the gas
gauge data to complete the evaluation system.
1.1
Features
Fully powered from the USB port
Capable of providing a 25-mA 3.3-V source
Complete interface between USB and SMBus, I
2C, and HDQ (8/16) interfaces using a simple API
1.2
Kit Contents
EV2300 circuit module
Standard USB cable
1.3
Ordering Information
Table 1. Ordering Information
EVM Part Number
EV2300
2
Interfaces
The EV2300 interfaces are described in the following table. The reference designators on the circuit board
and the functions are also listed.
Reference
Function
Function
Designator
HDQ and SMB
SMBus, HDQ, and DQ Interface ports
Terminal block for connecting to a target device
I
2C
E
2PROM I2C Interface
Terminal for connecting to a target E
2PROM or I2C interface
battery monitor
USB
USB Interface
Interface to host computer
2
EV2300 EVM Interface Board
SLUU159C
– February 2005 – Revised January 2012
Submit Documentation Feedback
Copyright
© 2005–2012, Texas Instruments Incorporated


Similar Part No. - EV2300

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2303DN-00A MPS-EV2303DN-00A Datasheet
197Kb / 4P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
EV2303DN-00A MPS-EV2303DN-00A Datasheet
348Kb / 12P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
EV2303DN-00A MPS-EV2303DN-00A Datasheet
388Kb / 14P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
EV2305DS-00A MPS-EV2305DS-00A Datasheet
208Kb / 3P
   4.75V to 23V IN, 2A OUT Synchronous Buck Converter
EV2305DS-00A MPS-EV2305DS-00A Datasheet
298Kb / 10P
   2A, 23V Synchronous Rectified Step-Down Converter
More results

Similar Description - EV2300

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FRDM-HB2001-EVM NXP-FRDM-HB2001-EVM Datasheet
4Mb / 31P
   FRDM-HB2001-EVM evaluation board
Rev. 1.0, 2/2016
logo
Texas Instruments
SLOU330 TI1-SLOU330 Datasheet
3Mb / 18P
[Old version datasheet]   EVM Description
SLLU155 TI1-SLLU155 Datasheet
770Kb / 17P
[Old version datasheet]   TLK110 Customer EVM
logo
OSRAM GmbH
TMF882X OSRAM-TMF882X Datasheet
1Mb / 37P
   EVM User Guide
v6-00 2022-May-19
logo
Texas Instruments
SLLU158 TI1-SLLU158 Datasheet
1Mb / 11P
[Old version datasheet]   CAN EVM User Guide
logo
Purdy Electronics Corpo...
PC-TFT-35XS-LED PURDY-PC-TFT-35XS-LED Datasheet
166Kb / 4P
   Interface Board
logo
Texas Instruments
ADS1271EVM TI-ADS1271EVM Datasheet
388Kb / 16P
[Old version datasheet]   modular EVM form factor
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
[Old version datasheet]   SN65HVD01-EVM Evaluation Module
logo
Purdy Electronics Corpo...
PC-TFT-64PA PURDY-PC-TFT-64PA Datasheet
417Kb / 5P
   Interface Board
PC-TFT-25XS PURDY-PC-TFT-25XS Datasheet
184Kb / 5P
   Interface Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com