Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5234QSCX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN5234QSCX
Description  Mobile-Friendly PWM/PFM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5234QSCX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN5234QSCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5234QSCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5234QSCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5234QSCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5234QSCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5234QSCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5234QSCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5234QSCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5234QSCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FAN5234
PRODUCT SPECIFICATION
REV. 1.0.10 5/3/04
5
Figure 2. IC Block Diagram
REF2
PGOOD
EN
C
BOOT
Q1
Q2
5V
VDD
ADAPTIVE
GATE
CONTROL LOGIC
CURRENT PROCESSING
HDRV
SW
LDRV
PGND
BOOT
VDD
HYST
ISNS
VIN
C
OUT
VOUT
PWM/HYST
PWM
S/H
ILIM
R
SENSE
ILIM det.
HYST
SS
SS
DUTY
CYCLE
CLAMP
Σ
PWM
SR
Q
RAMP
MODE
OSC
I
OU T
RAMP
CLK
OVP
POR/UVLO
Reference and
Soft Start
FPWM
L
OU T
VREF
EA
PWM/HYST
VSEN
FPWM
VIN
Circuit Description
Overview
The FAN5234 is a PWM controller intended for low voltage
power applications in modern notebook, desktop, and
sub-notebook PCs. The output voltage of the controller can
be set in the range of 0.9V to 5.5V by an external resistor
divider.
The synchronous buck converter can operate from either an
unregulated DC source (such as a notebook battery) with
voltage ranging from 2V to 24V, or from a regulated system
rail. In either mode of operation the IC is biased from a +5V
source. The PWM modulator uses an average current mode
control with input voltage feed-forward for simplified feed-
back loop compensation and improved line regulation. The
controller includes integrated feedback loop compensation
that dramatically reduces the number of external compo-
nents.
Depending on the load level, the converter can operate either
in fixed frequency PWM mode or in a hysteretic mode.
Switch-over from PWM to hysteretic mode improves the
converters' efficiency at light loads and prolongs battery run
time. In hysteretic mode, a comparator is synchronized to the
main clock that allows seamless transition between the oper-
ational modes and reduced channel-to-channel interaction.
The hysteretic mode of operation can be inhibited indepen-
dently using the FPWM pin if variable frequency operation is
not desired.
Oscillator
Table 1. Converter Operating modes
When VIN is from the battery, the oscillator's ramp ampli-
tude is proportional to VIN, providing voltage feed-forward
control for improved loop response. When in either of the
Fixed modes, oscillator's ramp amplitude is fixed. The oper-
ating frequency is then determined according to the connec-
tion on the VIN pin (Table 1).
Initialization and Soft Start
Assuming EN is high, FAN5234 is initialized when VCC
exceeds the rising UVLO threshold. Should VCC drop below
the UVLO threshold, an internal Power-On Reset function
disables the chip.
Mode
FSW
(Khz)
Converter
Power
VIN Pin
Battery
300
2 to 24V
Battery (>5V)
Fixed
300
300
< 5.5V Fixed
100K
Ω to GND
Fixed
600
600
< 5.5V Fixed
GND


Similar Part No. - FAN5234QSCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
FAN5234MTCX FAIRCHILD-FAN5234MTCX Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
FAN5234 FAIRCHILD-FAN5234_10 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
More results

Similar Description - FAN5234QSCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234_10 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
   Single Output Mobile-Friendly PWM Controller
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com