Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5234 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN5234
Description  Mobile-Friendly PWM/PFM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5234 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5234 Datasheet HTML 1Page - Fairchild Semiconductor FAN5234 Datasheet HTML 2Page - Fairchild Semiconductor FAN5234 Datasheet HTML 3Page - Fairchild Semiconductor FAN5234 Datasheet HTML 4Page - Fairchild Semiconductor FAN5234 Datasheet HTML 5Page - Fairchild Semiconductor FAN5234 Datasheet HTML 6Page - Fairchild Semiconductor FAN5234 Datasheet HTML 7Page - Fairchild Semiconductor FAN5234 Datasheet HTML 8Page - Fairchild Semiconductor FAN5234 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PRODUCT SPECIFICATION
FAN5234
4
REV. 1.0.10 5/3/04
Electrical Specifications Recommended operating conditions, unless otherwise noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
VCC Current
LDRV, HDRV Open, VSEN forced
above regulation point
850
1300
µA
Shut-down (EN=0)
5
15
µA
VIN Current - Sinking
VIN pin = input voltage source
10
20
30
µA
VIN Current - Sourcing
VIN pin = GND
7
15
20
µA
VIN Current - Shut-down
1
µA
UVLO Threshold
Rising VCC
4.3
4.55
4.75
V
Falling
4.1
4.27
4.5
V
Hysteresis
0.1
0.5
V
Oscillator
Frequency
VIN > 5V
255
300
345
KHz
VIN = 0V
510
600
690
KHz
Ramp Amplitude, pk–pk
VIN = 16V
2
V
Ramp Amplitude, pk–pk
VIN < 5V
1.25
V
Ramp Offset
0.5
V
Ramp / VIN Gain
VIN > 3V
125
mV/V
Ramp / VIN Gain
1V < VIN < 3V
250
mV/V
Reference and Soft Start
Internal Reference Voltage
0.891
0.9
0.909
V
Soft Start current (ISS)
at start-up
5
µA
Soft Start Complete Threshold
1.5
V
PWM Converter
Load Regulation
IOUT from 0 to 3A, VIN from 2 to 24V
-1
+1
%
VSEN Bias Current
50
80
120
nA
VOUT pin input impedance
40
55
65
K
Under-voltage Shutdown
as % of set point. 2
µS noise filter
70
75
80
%
ISNS Over-Current threshold
RILIM = 68.5KΩ. See Figure 4
115
144
172
µA
Over-voltage threshold
as % of set point. 2
µS noise filter
113
120
%
Output Driver
HDRV Output Resistance
Sourcing
8
15
Sinking
3.2
4
LDRV Output Resistance
Sourcing
8
15
Sinking
1.5
2.4
PGOOD (Power Good Output) and Control pins
Lower Threshold
as % of set point, 2
µS noise filter
86
92
%
Upper Threshold
as % of set point, 2
µS noise filter
110
115
%
PGOOD Output Low
IPGOOD = 4mA
0.5
V
Leakage Current
VPULLUP = 5V
1
µA
Soft Start Voltage when PGOOD
Enabled
1.5
V
EN, FPWM Inputs
Input High
2
V
Input Low
0.8
V


Similar Part No. - FAN5234

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
FAN5234MTCX FAIRCHILD-FAN5234MTCX Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
FAN5234 FAIRCHILD-FAN5234_10 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
More results

Similar Description - FAN5234

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234_10 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
   Single Output Mobile-Friendly PWM Controller
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com