Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLDO330T8TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZLDO330T8TA
Description  3.3 VOLT ULTRA LOW DROPOUT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLDO330T8TA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZLDO330T8TA Datasheet HTML 1Page - Diodes Incorporated ZLDO330T8TA Datasheet HTML 2Page - Diodes Incorporated ZLDO330T8TA Datasheet HTML 3Page - Diodes Incorporated ZLDO330T8TA Datasheet HTML 4Page - Diodes Incorporated ZLDO330T8TA Datasheet HTML 5Page - Diodes Incorporated ZLDO330T8TA Datasheet HTML 6Page - Diodes Incorporated ZLDO330T8TA Datasheet HTML 7Page - Diodes Incorporated ZLDO330T8TA Datasheet HTML 8Page - Diodes Incorporated ZLDO330T8TA Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DEVICE DESCRIPTION
The ZLDO Series low dropout linear
regulators
operate with an exceptionally
low dropout voltage, typically only 30mV
with a load current of 100mA. The regulator
series features output voltages in the range
2.7 to 18 volts, this device provides an output
voltage of 3.3 volts.
The ZLDO330 consumes a typical quiescent
current of only 560
µA and is rated to supply
load currents up to 300mA. A battery low flag
is available to indicate potential power fail
situations. If the input voltage falls to within
300mV of the regulated output voltage then
the error output pulls low. The device also
features an active high disable control. Once
disabled the ZLDO quiescent current falls to
typically 11
µA.
The ZLDO devices are packaged in Zetex
SM8 8 pin small outline surface mount
package, ideal for applications where space
saving is important. The device low dropout
voltage, low quiescent current and small size
make it ideal for low power and battery
powered applications. Battery powered
circuits can make particular use of the low
battery flag and shutdown features.
FEATURES
Very low dropout voltage
6mV dropout at 10mA output
30mV dropout at 100mA output
100mV dropout at 300mA output
3.3 volt fixed output
Other voltages available
Low quiescent current
1mA quiescent (typ) at 300mA output
Low battery flag
Shutdown control
Surface mount package
APPLICATIONS
Battery powered devices
Portable instruments
Portable communications
Laptop/Palmtop computers
Electronic organisers
3.3 VOLT ULTRA LOW DROPOUT
REGULATOR
ISSUE 2 - MAY 1997
ZLDO330
LOW BATTERY
COMPARATOR
Low Battery Flag
Vin
OUTPUT
DRIVE
BIAS
CIRCUIT
SHUTDOWN
THERMAL
SHUTDOWN
Shutdown
Control
BANDGAP
REFERENCE
Vo
Shaping
Gnd
Cs
4-62


Similar Part No. - ZLDO330T8TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
More results

Similar Description - ZLDO330T8TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330 DIODES-ZLDO330 Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Zetex Semiconductors
ZLDO330 ZETEX-ZLDO330 Datasheet
86Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO485 ZETEX-ZLDO485 Datasheet
114Kb / 9P
   4.85 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Diodes Incorporated
ZLDO285 DIODES-ZLDO285 Datasheet
84Kb / 9P
   2.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO485 DIODES-ZLDO485 Datasheet
127Kb / 9P
   4.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO300 DIODES-ZLDO300 Datasheet
243Kb / 9P
   3.0 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO270 DIODES-ZLDO270 Datasheet
86Kb / 9P
   2.70 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Zetex Semiconductors
ZLDO285 ZETEX-ZLDO285 Datasheet
83Kb / 9P
   2.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO300 ZETEX-ZLDO300 Datasheet
242Kb / 9P
   3.0 VOLT ULTRA LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com