Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5092 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN5092
Description  High Current System Voltage Buck Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5092 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5092 Datasheet HTML 4Page - Fairchild Semiconductor FAN5092 Datasheet HTML 5Page - Fairchild Semiconductor FAN5092 Datasheet HTML 6Page - Fairchild Semiconductor FAN5092 Datasheet HTML 7Page - Fairchild Semiconductor FAN5092 Datasheet HTML 8Page - Fairchild Semiconductor FAN5092 Datasheet HTML 9Page - Fairchild Semiconductor FAN5092 Datasheet HTML 10Page - Fairchild Semiconductor FAN5092 Datasheet HTML 11Page - Fairchild Semiconductor FAN5092 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
FAN5092
PRODUCT SPECIFICATION
8
REV. 1.0.7 6/20/02
Typical Operating Characteristics
(VCC = 12V, and TA = +25°C using circuit in Figure 1 , unless otherwise noted.)
EFFICIENCY VS. OUTPUT CURRENT
88
0
10
2030
4050
60
86
84
82
80
78
76
74
72
70
68
66
64
OUTPUT CURRENT (A)
VOUT = 1.550V
VOUT = 1.850V
TRANSIENT RESPONSE, 50A to 0.5A
1.590V
1.550V
1.480V
TIME (20
µs/DIVISION)
HIGH-SIDE GATE DRIVES, NORMAL OPERATION
TRANSIENT RESPONSE, 0.5A TO 50A
1.590V
1.550V
1.480V
TIME (20
µs/DIVISION)
TIME (500ns/DIVISION)
HIGH-SIDE GATE DRIVES, E*-MODE
TIME (500ns/DIVISION)


Similar Part No. - FAN5092

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5092 FAIRCHILD-FAN5092 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
FAN5092MTC FAIRCHILD-FAN5092MTC Datasheet
109Kb / 20P
   High Current System Voltage Buck Converter
FAN5092MTCX FAIRCHILD-FAN5092MTCX Datasheet
109Kb / 20P
   High Current System Voltage Buck Converter
FAN5092MTCX FAIRCHILD-FAN5092MTCX Datasheet
109Kb / 20P
   High Current System Voltage Buck Converter
More results

Similar Description - FAN5092

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5092MTC FAIRCHILD-FAN5092MTC Datasheet
109Kb / 20P
   High Current System Voltage Buck Converter
logo
ON Semiconductor
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
   High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
   High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
   High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com