Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCX2222GF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NCX2222GF
Description  Low voltage comparator; open-drain output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NCX2222GF Datasheet(HTML) 5 Page - NXP Semiconductors

  NCX2222GF Datasheet HTML 1Page - NXP Semiconductors NCX2222GF Datasheet HTML 2Page - NXP Semiconductors NCX2222GF Datasheet HTML 3Page - NXP Semiconductors NCX2222GF Datasheet HTML 4Page - NXP Semiconductors NCX2222GF Datasheet HTML 5Page - NXP Semiconductors NCX2222GF Datasheet HTML 6Page - NXP Semiconductors NCX2222GF Datasheet HTML 7Page - NXP Semiconductors NCX2222GF Datasheet HTML 8Page - NXP Semiconductors NCX2222GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NCX2222
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 20 December 2012
5 of 18
NXP Semiconductors
NCX2222
Low voltage comparator; open-drain output
10. Static characteristics
[1]
Differential input switching level is guaranteed at the minimum or maximum offset voltage, minus or plus half the maximum hysteresis
voltage.
11. Dynamic characteristics
[1]
tpd is the same as tPLZ and tPZL; tPLZ is the actual time that the output is disabled.
[2]
Input signal: 1 kHz, square wave signal with 10 ns edge rate.
Table 6.
Static characteristics
At recommended operating conditions. VCC = 1.6 V to 5.5 V, VEE = 0 V; VCM = 0.5VCC unless otherwise specified.
Symbol Parameter
Conditions
25
C
40 C to +85 C Unit
Min
Typ
Max
Min
Max
VH
hysteresis voltage
6
9
13
-
-
mV
VCC =1.3 V
-
20
-
-
-
mV
VI(offset)
offset input voltage
[1]
30
+0.5
+30
30
+30
mV
VCC =1.3 V
[1]
-3
-
-
-
mV
VOL
LOW-level output
voltage
IO =0.5 mA; VCC = 1.3 V
-
0.05
-
-
-
V
IO =0.5 mA; VCC = 1.6 V
-
0.04
-
-
0.25
V
IO =3 mA; VCC = 3.0 V
-
0.14
-
-
0.3
V
IO =5 mA; VCC = 5.5 V
-
0.20
-
-
0.3
V
IOZ
OFF-state output
current
IN
 = V
EE; IN+ = VCC; VO =5.5
V
-3
-
-
-
nA
VCM
common-mode
voltage
VCC = 1.3 V to 5.5 V
-
VEE to VCC
--
-
V
IOS
output short-circuit
current
VCC = 5.5 V; VO =VEE or VCC
-68
-
-
-
mA
CMRR
common-mode
rejection ratio
V
CM = VCC
-70
-
-
-
dB
PSRR
power supply
rejection ratio
V
CC = 1.95 V
45
80
-
-
-
dB
IIB
input bias current
-
1.0
-
-
-
pA
ICC
supply current
per comparator
-
5.0
-
-
7.0
A
Table 7.
Dynamic characteristics
Voltages are referenced to VEE (VEE = 0 V);VCC = 1.6 V to 5.5 V; VCM = 0.5VCC unless otherwise specified.
Symbol
Parameter
Conditions
25
C
Unit
Min
Typ
Max
tpd
propagation delay
20 mV overdrive; CL =15 pF
[1]
-0.8
-
s
tt
transition time
HIGH to LOW; VCC = 5.5 V; CL = 50 pF
[2]
-10
-
ns


Similar Part No. - NCX2222GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NCX2222 PHILIPS-NCX2222_15 Datasheet
580Kb / 18P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
More results

Similar Description - NCX2222GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NCX2222 PHILIPS-NCX2222_15 Datasheet
580Kb / 18P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output
Rev. 5-30 October 2012
logo
SG Micro Corp
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
   Open Drain Output Comparator
logo
Global Mixed-mode Techn...
G1331 GMT-G1331 Datasheet
106Kb / 1P
   General Purpose, Low Voltage Comparator with Open-Drain Output
logo
Microchip Technology
MCP6566 MICROCHIP-MCP6566 Datasheet
778Kb / 44P
   1.8V Low Power Open-Drain Output Comparator
2009
MCP6566 MICROCHIP-MCP6566_11 Datasheet
806Kb / 46P
   1.8V Low-Power Open-Drain Output Comparator
2011
MCP6566 MICROCHIP-MCP6566_13 Datasheet
1Mb / 48P
   1.8V Low-Power Open-Drain Output Comparator
2009-2013
logo
AiT Semiconductor Inc.
AO331 AITSEMI-AO331 Datasheet
1Mb / 11P
   OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR
REV1.0
logo
NXP Semiconductors
NCX2202GW-125 NXP-NCX2202GW-125 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
logo
AiT Semiconductor Inc.
AO2903 AITSEMI-AO2903 Datasheet
511Kb / 10P
   GENERAL-PURPOSE HIGH-VOLTAGE OPEN-DRAIN OUTPUT DUAL COMPARATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com