Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5071 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN5071
Description  High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5071 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5071 Datasheet HTML 3Page - Fairchild Semiconductor FAN5071 Datasheet HTML 4Page - Fairchild Semiconductor FAN5071 Datasheet HTML 5Page - Fairchild Semiconductor FAN5071 Datasheet HTML 6Page - Fairchild Semiconductor FAN5071 Datasheet HTML 7Page - Fairchild Semiconductor FAN5071 Datasheet HTML 8Page - Fairchild Semiconductor FAN5071 Datasheet HTML 9Page - Fairchild Semiconductor FAN5071 Datasheet HTML 10Page - Fairchild Semiconductor FAN5071 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
FAN5071
7
REV. 1.0.4 1/29/02
Typical Operating Characteristics (continued)
Application Circuit
Figure 1. Application Circuit for VRM8.5 Motherboards
(Worst Case Analyzed! See Appendix for Details)
Output Startup, System Power-up
Time (10ms/division)
Time (20ms/div)
Output Startup from Enable
9
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
+5V
L1
(Optional)
CIN
Q1
C2
C1
VID3
VID4
3.3V IN
TYPEDET
ENABLE/SS
1.2V†
2.5V†
3.3/1.5V
(AGP)†
VID2
VID1
VID0
Q2
Q4
Q5
Q3
D1
L2
COUT
VO
R6
R7
R5
R2
R3
R8–12
C8
C9
C7
C4
C3
PWRGD
VCC
+12V
C5
C6
R4
R1
U1
FAN5071
† Adjustable with an external divider.


Similar Part No. - FAN5071

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
FAN5078 FAIRCHILD-FAN5078 Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
FAN5078D3 FAIRCHILD-FAN5078D3 Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
FAN5078D3MPX FAIRCHILD-FAN5078D3MPX Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
FAN5078MPX FAIRCHILD-FAN5078MPX Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
More results

Similar Description - FAN5071

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5061 FAIRCHILD-RC5061 Datasheet
135Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5059MX FAIRCHILD-FAN5059MX Datasheet
216Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5056MV85 FAIRCHILD-FAN5056MV85 Datasheet
162Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
RC5058 FAIRCHILD-RC5058 Datasheet
257Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1158 SEMTECH-SC1158 Datasheet
71Kb / 5P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com