Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2515S28X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN2515S28X
Description  200 mA CMOS LDO Regulators with Fast Start Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2515S28X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN2515S28X Datasheet HTML 1Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 2Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 3Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 4Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 5Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 6Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 7Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 8Page - Fairchild Semiconductor FAN2515S28X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FAN2514/FAN2515
PRODUCT SPECIFICATION
REV. 1.0.8 2/14/03
5
Absolute Maximum Ratings (beyond which the device may be damaged)1
Notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only
if Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Based upon thermally limited junction temperature:
4. Human Body Model is 4kV minimum using Mil Std. 883E, method 3015.7. Machine Model is 400V minimum using JEDEC
method A115-A.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Power Supply Voltages
VIN (Measured to GND)
0
7
V
Enable Input (EN)
Applied voltage (Measured to GND)2
07
V
ERR Output
Applied voltage (Measured to GND)2
07
V
Power
Dissipation3
Internally limited
Temperature
Junction
-65
150
°C
Lead Soldering (5 seconds)
260
°C
Storage
-65
150
°C
Electrostatic Discharge4
4kV
Parameter
Min
Nom
Max
Units
VIN
Input Voltage Range
2.7
6.5
V
VOUT
Output Voltage Range, Adjustable
VREF
VIN-VDO
V
VEN
Enable Input Voltage
0
VIN
V
VERR
ERR Flag Voltage
VIN
V
TJ
Junction Temperature
-40
+125
°C
θ
JA
Thermal resistance
220
°C/W
θ
JC
Thermal resistance
130
°C/W
P
D
T
J max
() TA
Θ
JA
-------------------------------
=


Similar Part No. - FAN2515S28X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2515S25X FAIRCHILD-FAN2515S25X Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
More results

Similar Description - FAN2515S28X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com