Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC124EE Datasheet(PDF) 5 Page - Rohm

Part # DTC124EE
Description  NPN 100mA 50V Digital Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC124EE Datasheet(HTML) 5 Page - Rohm

  DTC124EE Datasheet HTML 1Page - Rohm DTC124EE Datasheet HTML 2Page - Rohm DTC124EE Datasheet HTML 3Page - Rohm DTC124EE Datasheet HTML 4Page - Rohm DTC124EE Datasheet HTML 5Page - Rohm DTC124EE Datasheet HTML 6Page - Rohm DTC124EE Datasheet HTML 7Page - Rohm DTC124EE Datasheet HTML 8Page - Rohm DTC124EE Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTC124E series
lDimensions
(Unit : mm)
Dimension in mm/inches
VMT3
Patterm of terminal position areas
b1
D
e
b
x
S A
A
c
S
b2
b3
e
MIN
MAX
MIN
MAX
A
0.45
0.55
0.018
0.022
A1
0.00
0.10
0
0.004
b
0.17
0.27
0.007
0.011
b1
0.27
0.37
0.011
0.015
c
0.08
0.18
0.003
0.007
D
1.10
1.30
0.043
0.051
E
0.70
0.90
0.028
0.035
e
HE
1.10
1.30
0.043
0.051
L
0.10
0.30
0.004
-
Lp
0.20
0.40
0.008
-
x
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
b2
-
0.37
-
0.015
b3
-
0.47
-
0.019
l1
-
0.50
-
0.02
DIM
MILIMETERS
INCHES
0.80
0.03
DIM
MILIMETERS
INCHES
0.40
0.02
5/10
2012.04 - Rev.A


Similar Part No. - DTC124EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC124EE ROHM-DTC124EE Datasheet
70Kb / 3P
   Digital transistors (built-in resistors)
logo
WILLAS ELECTRONIC CORP
DTC124EE WILLAS-DTC124EE Datasheet
405Kb / 2P
   NPN Digital Transistor
logo
Shanghai Leiditech Elec...
DTC124EE LEIDITECH-DTC124EE Datasheet
789Kb / 5P
   NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Rohm
DTC124EE ROHM-DTC124EE Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
DTC124EE ROHM-DTC124EE Datasheet
571Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors
More results

Similar Description - DTC124EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144ECA ROHM-DTC144ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144G ROHM-DTC144G Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistors
DTC114EUBHZG ROHM-DTC114EUBHZG Datasheet
1Mb / 9P
   NPN 100mA 50V Digital Transistors
DTC143X ROHM-DTC143X_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC114ECA ROHM-DTC114ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144GUAT106 ROHM-DTC144GUAT106 Datasheet
424Kb / 7P
   NPN 100mA 50V Digital Transistors
DTC143ZKAT146 ROHM-DTC143ZKAT146 Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors
DTC114YCA ROHM-DTC114YCA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC015T ROHM-DTC015T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC143E ROHM-DTC143E_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC143T ROHM-DTC143T_12 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com