Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2514S285X Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN2514S285X
Description  200 mA CMOS LDO Regulators with Fast Start Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2514S285X Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN2514S285X Datasheet HTML 2Page - Fairchild Semiconductor FAN2514S285X Datasheet HTML 3Page - Fairchild Semiconductor FAN2514S285X Datasheet HTML 4Page - Fairchild Semiconductor FAN2514S285X Datasheet HTML 5Page - Fairchild Semiconductor FAN2514S285X Datasheet HTML 6Page - Fairchild Semiconductor FAN2514S285X Datasheet HTML 7Page - Fairchild Semiconductor FAN2514S285X Datasheet HTML 8Page - Fairchild Semiconductor FAN2514S285X Datasheet HTML 9Page - Fairchild Semiconductor FAN2514S285X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FAN2514/FAN2515
PRODUCT SPECIFICATION
REV. 1.0.8 2/14/03
7
Typical Performance Characteristics
0
20
40
60
80
100
Frequency (Hz)
Power Supply
Frequency (Hz)
Power Supply
Rejection Ratio
I
OUT = 100µA
C
OUT = 1.0µF Cer.
V
IN = 4.0V
V
OUT = 3.0V
10
100
1k
10k 100k 1M 10M
20
40
60
80
100
Rejection Ratio
I
OUT = 200mA
C
OUT = 1.0µF Cer.
10
100
1k
10k 100k 1M 10M
0
10
20
30
40
50
60
70
3.1
3.6
4.1
Voltage (V)
Rejection Ratio vs. Voltage
Power Supply
I
OUT = 100µA
200mA
C
OUT = 1.0µF Cer.
10mA
0
10
20
30
40
50
60
70
3.1
3.6
4.1
Voltage (V)
Rejection Ratio vs. Voltage
Power Supply
I
OUT = 100µA
200mA
C
OUT = 10µF Cer.
C
BYP = 0.01µF
10mA
100mA
V
IN = 4.0V
V
OUT = 3.0V
0
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
I
OUT = 10mA
C
OUT = 1.0µF Cer.
100
1k
10k 100k 1M 10M
V
IN = 4.0V
V
OUT = 3.0V
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
I
OUT = 100mA
C
OUT = 1.0µF Cer.
100
1k
10k 100k 1M 10M
V
IN = 4.0V
V
OUT = 3.0V
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
I
OUT = 100µA
C
OUT = 10µF Cer.
C
BYP = 0.01µF
100
1k
10k 100k 1M 10M
V
IN = 4.0V
V
OUT = 3.0V
Frequency (Hz)
Power Supply
Rejection Ratio
0
20
40
60
80
100
10
I
OUT = 10mA
C
OUT = 10µF Cer.
100
1k
10k 100k 1M 10M
V
IN = 4.0V
V
OUT = 3.0V
0
20
40
60
80
100
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Power Supply
Power Supply
Noise Performance
Rejection Ratio
I
OUT = 100mA
C
OUT = 10µF Cer.
C
BYP = 0.01µF
V
IN = 4.0V
V
OUT = 3.0V
10
100
1k
10k 100k 1M 10M
0
20
40
60
80
100
Rejection Ratio
I
OUT = 200mA
C
OUT = 10µF Cer.
C
BYP = 0.01µF
10
100
1k
10k 100k 1M 10M
0.0001
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
1M
V
IN = 4.0V
V
OUT = 3.0V
C
OUT = 1.0µF
C
BYP = 0.01µF
I
L = 10µA
V
IN = 4V
V
OUT = 3V
Load Current (mA)
Ground Pin Current
30.00
32.00
34.00
36.00
38.00
40.00
0.1
1
10
100
C
BYP = 0.01µF
100mA


Similar Part No. - FAN2514S285X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2514S30X FAIRCHILD-FAN2514S30X Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514SX FAIRCHILD-FAN2514SX Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
More results

Similar Description - FAN2514S285X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com