Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-18TQ035SPBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VS-18TQ035SPBF
Description  Schottky Rectifier, 18 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-18TQ035SPBF Datasheet(HTML) 8 Page - Vishay Siliconix

  VS-18TQ035SPBF Datasheet HTML 1Page - Vishay Siliconix VS-18TQ035SPBF Datasheet HTML 2Page - Vishay Siliconix VS-18TQ035SPBF Datasheet HTML 3Page - Vishay Siliconix VS-18TQ035SPBF Datasheet HTML 4Page - Vishay Siliconix VS-18TQ035SPBF Datasheet HTML 5Page - Vishay Siliconix VS-18TQ035SPBF Datasheet HTML 6Page - Vishay Siliconix VS-18TQ035SPBF Datasheet HTML 7Page - Vishay Siliconix VS-18TQ035SPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 02-Oct-12
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk. Please
contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.
Material Category Policy
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as RoHS-Compliant fulfill the
definitions and restrictions defined under Directive 2011/65/EU of The European Parliament and of the Council
of June 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(EEE) - recast, unless otherwise specified as non-compliant.
Please note that some Vishay documentation may still make reference to RoHS Directive 2002/95/EC. We confirm that
all the products identified as being compliant to Directive 2002/95/EC conform to Directive 2011/65/EU.
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as Halogen-Free follow Halogen-Free
requirements as per JEDEC JS709A standards. Please note that some Vishay documentation may still make reference
to the IEC 61249-2-21 definition. We confirm that all the products identified as being compliant to IEC 61249-2-21
conform to JEDEC JS709A standards.


Similar Part No. - VS-18TQ035SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-18TQ035S-M3 VISHAY-VS-18TQ035S-M3 Datasheet
192Kb / 8P
   High Performance Schottky Rectifier, 18 A
Revision: 25-Feb-14
VS-18TQ035S-M3 VISHAY-VS-18TQ035S-M3 Datasheet
208Kb / 8P
   High Performance Schottky Rectifier, 18 A
01-Jan-2022
VS-18TQ035S-M3 VISHAY-VS-18TQ035S-M3_15 Datasheet
174Kb / 8P
   High Performance Schottky Rectifier, 18 A
Revision: 25-Feb-14
VS-18TQ035S-M3 VISHAY-VS-18TQ035S-M3_V01 Datasheet
208Kb / 8P
   High Performance Schottky Rectifier, 18 A
01-Jan-2022
VS-18TQ035SHM3 VISHAY-VS-18TQ035SHM3 Datasheet
160Kb / 7P
   High Performance Schottky Rectifier, 18 A
Revision: 04-Aug-17
More results

Similar Description - VS-18TQ035SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18TQPBF VISHAY-18TQPBF Datasheet
120Kb / 6P
   Schottky Rectifier, 18 A
Revision: 16-Apr-08
18TQ VISHAY-18TQ Datasheet
109Kb / 6P
   Schottky Rectifier, 18 A
Revision: 25-Jun-08
18TQ050PBF VISHAY-18TQ050PBF Datasheet
164Kb / 7P
   Schottky Rectifier, 18 A
Revision: 10-Nov-09
VS-18TQ0PBF VISHAY-VS-18TQ0PBF Datasheet
179Kb / 7P
   Schottky Rectifier, 18 A
Revision: 11-Oct-12
18TQSPBF VISHAY-18TQSPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 18 A
Revision: 26-May-08
18TQS VISHAY-18TQS Datasheet
114Kb / 6P
   Schottky Rectifier, 18 A
Revision: 25-Jun-08
18TQ035SPBF VISHAY-18TQ035SPBF_10 Datasheet
159Kb / 8P
   Schottky Rectifier, 18 A
Revision: 12-Mar-10
VS-18TQ035-M3 VISHAY-VS-18TQ035-M3 Datasheet
165Kb / 7P
   High Performance Schottky Rectifier, 18 A
Revision: 23-Nov-17
VS-18TQ0HN3 VISHAY-VS-18TQ0HN3 Datasheet
161Kb / 7P
   High Performance Schottky Rectifier, 18 A
Revision: 05-Mar-14
VS-18TQ035S-M3 VISHAY-VS-18TQ035S-M3 Datasheet
192Kb / 8P
   High Performance Schottky Rectifier, 18 A
Revision: 25-Feb-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com