Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15ETL06S Datasheet(PDF) 3 Page - International Rectifier

Part # 15ETL06S
Description  Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

15ETL06S Datasheet(HTML) 3 Page - International Rectifier

  15ETL06S Datasheet HTML 1Page - International Rectifier 15ETL06S Datasheet HTML 2Page - International Rectifier 15ETL06S Datasheet HTML 3Page - International Rectifier 15ETL06S Datasheet HTML 4Page - International Rectifier 15ETL06S Datasheet HTML 5Page - International Rectifier 15ETL06S Datasheet HTML 6Page - International Rectifier 15ETL06S Datasheet HTML 7Page - International Rectifier 15ETL06S Datasheet HTML 8Page - International Rectifier 15ETL06S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
15ETL06, 15ETL06S, 15ETL06-1, 15ETL06FP
Bulletin PD-20695 rev. D 10/06
www.irf.com
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
Forward Voltage Drop - VFM(V)
Reverse Voltage - V
R (V)
Reverse Voltage - VR (V)
t1,Rectangular Pulse Duration (Seconds)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
T = 175˚C
T = 150˚C
T = 25˚C
J
J
J
10
100
0
100
200
300
400
500
600
T = 25˚C
J
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
2
t
1
t
P
DM
Notes:
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
0.001
0.01
0.1
1
10
100
0
100
200
300
400
500
600
100˚C
75˚C
50˚C
25˚C
Tj = 175˚C
125˚C
150˚C


Similar Part No. - 15ETL06S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15ETL06S IRF-15ETL06S Datasheet
205Kb / 9P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
15ETL06S VISHAY-15ETL06S Datasheet
132Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Revision: 08-Sep-08
15ETL06SPBF VISHAY-15ETL06SPBF Datasheet
134Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Revision: 21-May-08
15ETL06SPBF VISHAY-15ETL06SPBF Datasheet
711Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 23-Jun-10
15ETL06SPBF VISHAY-15ETL06SPBF_10 Datasheet
711Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 23-Jun-10
More results

Similar Description - 15ETL06S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8ETL06SPBF IRF-8ETL06SPBF Datasheet
289Kb / 8P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
8ETL06 IRF-8ETL06 Datasheet
205Kb / 9P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
15ETL06 IRF-15ETL06 Datasheet
205Kb / 9P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
8ETL06PBF IRF-8ETL06PBF Datasheet
236Kb / 8P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
15ETL06PBF IRF-15ETL06PBF Datasheet
236Kb / 8P
   Ultra-low V Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
VS-8ETL06SHM3 VISHAY-VS-8ETL06SHM3 Datasheet
163Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, FRED
Revision: 04-Apr-18
8ETL06PBF VISHAY-8ETL06PBF Datasheet
123Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 08-Apr-08
8ETL06S VISHAY-8ETL06S Datasheet
125Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 08-Sep-08
8ETL06PBF VISHAY-8ETL06PBF_11 Datasheet
189Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETL06PBF VISHAY-VS-8ETL06PBF Datasheet
199Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 02-Jan-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com