Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2512S27X Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN2512S27X
Description  150 mA CMOS LDO Regulators with Fast Start Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2512S27X Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN2512S27X Datasheet HTML 2Page - Fairchild Semiconductor FAN2512S27X Datasheet HTML 3Page - Fairchild Semiconductor FAN2512S27X Datasheet HTML 4Page - Fairchild Semiconductor FAN2512S27X Datasheet HTML 5Page - Fairchild Semiconductor FAN2512S27X Datasheet HTML 6Page - Fairchild Semiconductor FAN2512S27X Datasheet HTML 7Page - Fairchild Semiconductor FAN2512S27X Datasheet HTML 8Page - Fairchild Semiconductor FAN2512S27X Datasheet HTML 9Page - Fairchild Semiconductor FAN2512S27X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PRODUCT SPECIFICATION
FAN2512/FAN2513
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
5/25/04 0.0m 005
Stock#DS30002512
 2004 Fairchild Semiconductor Corporation
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
Ordering Information
Tape and Reel Information
Product Number
VOUT
Pin 4 Function
Package Marking
FAN2512SX
Adj.
Adjust
AJA
FAN2512S25X
2.5
Bypass
AJE
FAN2512S26X
2.6
Bypass
AJG
FAN2512S27X
2.7
Bypass
AJJ
FAN2512S28X
2.8
Bypass
AJM
FAN2512S285X
2.85
Bypass
AJN
FAN2512S30X
3.0
Bypass
AJW
FAN2512S33X
3.3
Bypass
AJE3
FAN2513S25X
2.5
Error output
AKE
FAN2513S26X
2.6
Error output
AKG
FAN2513S27X
2.7
Error output
AKJ
FAN2513S28X
2.8
Error output
AKM
FAN2513S285X
2.85
Error output
AKN
FAN2513S30X
3.0
Error output
AKW
FAN2513S33X
3.3
Error output
AK3
Quantity
Reel Size
Width
3000
7"
8mm


Similar Part No. - FAN2512S27X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2512S33X FAIRCHILD-FAN2512S33X Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512S33X ONSEMI-FAN2512S33X Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
More results

Similar Description - FAN2512S27X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com