Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-15EWL06FNTRR-M3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-15EWL06FNTRR-M3
Description  Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-15EWL06FNTRR-M3 Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-15EWL06FNTRR-M3 Datasheet HTML 1Page - Vishay Siliconix VS-15EWL06FNTRR-M3 Datasheet HTML 2Page - Vishay Siliconix VS-15EWL06FNTRR-M3 Datasheet HTML 3Page - Vishay Siliconix VS-15EWL06FNTRR-M3 Datasheet HTML 4Page - Vishay Siliconix VS-15EWL06FNTRR-M3 Datasheet HTML 5Page - Vishay Siliconix VS-15EWL06FNTRR-M3 Datasheet HTML 6Page - Vishay Siliconix VS-15EWL06FNTRR-M3 Datasheet HTML 7Page - Vishay Siliconix VS-15EWL06FNTRR-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93568
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 15-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-15AWL06FN-M3, VS-15EWL06FN-M3
Vishay Semiconductors Ultralow VF Ultrafast Rectifier, 15 A FRED Pt
®
New Product
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
IF(AV) - Average Forward Current (A)
20
15
10
5
25
0
160
180
120
140
150
170
130
93236_05
Square wave (D = 0.50)
Rated V
R applied
See note (1)
DC
IF(AV) - Average Forward Current (A)
20
15
10
5
25
0
93236_06
20
0
10
15
5
RMS limit
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
DC
dIF/dt (A/μs)
100
93236_07
1000
0
450
150
250
350
400
100
50
200
300
I
F = 15 A, TJ = 25 °C
I
F = 15 A, TJ = 125 °C
dIF/dt (A/μs)
100
93236_08
1000
1500
5000
2500
3000
4000
3500
4500
2000
I
F = 15 A, TJ = 25 °C
I
F = 15 A, TJ = 125 °C


Similar Part No. - VS-15EWL06FNTRR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-15EWL06FN-M3 VISHAY-VS-15EWL06FN-M3 Datasheet
166Kb / 7P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-15EWL06FNTRR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15AWL06FN-M3 VISHAY-15AWL06FN-M3 Datasheet
150Kb / 8P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Revision: 15-Apr-11
15AWL06FN-E3 VISHAY-15AWL06FN-E3 Datasheet
147Kb / 8P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Revision: 15-Apr-11
8E2TL06-E VISHAY-8E2TL06-E Datasheet
175Kb / 10P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Revision: 19-Aug-10
5EWL06FN-M3 VISHAY-5EWL06FN-M3 Datasheet
149Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
8EWL06FN-M3 VISHAY-8EWL06FN-M3 Datasheet
154Kb / 8P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Revision: 05-Apr-11
6EWL06FN-E3 VISHAY-6EWL06FN-E3 Datasheet
161Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
6EWL06FN-M3 VISHAY-6EWL06FN-M3 Datasheet
163Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
VS-5EWL06FN-M3 VISHAY-VS-5EWL06FN-M3 Datasheet
156Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
6EWH06FN-E3 VISHAY-6EWH06FN-E3_12 Datasheet
150Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
6EWH06FN-M3 VISHAY-6EWH06FN-M3 Datasheet
157Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com