Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4NS-6DF Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # D4NS-6DF
Description  Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NS-6DF Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button D4NS-6DF Datasheet HTML 4Page - Omron Electronics LLC D4NS-6DF Datasheet HTML 5Page - Omron Electronics LLC D4NS-6DF Datasheet HTML 6Page - Omron Electronics LLC D4NS-6DF Datasheet HTML 7Page - Omron Electronics LLC D4NS-6DF Datasheet HTML 8Page - Omron Electronics LLC D4NS-6DF Datasheet HTML 9Page - Omron Electronics LLC D4NS-6DF Datasheet HTML 10Page - Omron Electronics LLC D4NS-6DF Datasheet HTML 11Page - Omron Electronics LLC D4NS-6DF Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
D4NS
10
Safety Precautions
Refer to the “Precautions for All Switches” and “Precautions for All Safety Door Switches”.
!CAUTION
• Do not use the Switch submersed in oil or water or in locations
continuously subject to splashes of oil or water. Doing so may
result in oil or water entering the Switch. (The IP67 degree of
protection of the Switch specifies the amount of water penetration
after the Switch is submerged in water for a certain period of time.)
• Always attach the cover after completing wiring and before using
the Switch. Also, do not turn ON the Switch with the cover open.
Doing so may result in electric shock.
• Do not switch circuits for two or more standard loads (250 VAC,
3 A). Doing so may adversely affect insulation performance.
Stopper Installation
Do not use a Switch as a stopper. Be sure to install a stopper as
shown in the following illustration to ensure that the base of the
Operation Key does not strike the Head, and adjust the stopper to be
within the setting zone (0.5 to 3 mm) of the base of the Operation Key.
Do not subject the Switch to a shock that exceeds the Switch's shock
resistance of 1,000 m/s2.
The Switch contacts can be used with either standard loads or
microloads. Once the contacts have been used to switch a load,
however, they cannot be used to switch smaller loads. The contact
surfaces will become rough once they have been used and contact
reliability for smaller loads may be reduced.
Mounting Method
Appropriate Tightening Torque
• Loose screws may result in malfunction. Tighten the screws to the
specified torques.
• When loosening a screw with an electrical screwdriver or similar
tool while pressing down on the screw head, do not continue
turning the screw past the point where the threads disengage.
Doing so may strip the end of the threads.
Mounting Holes
• Use M4 screws and spring washers to mount the Switch and
Operation Key, and tighten the screws to a suitable torque. To
ensure safety, use screws that cannot be easily removed or
another means to prevent the Switch and Operation Key from
easily being removed.
• As shown below, two studs with a maximum height of 4.8 mm and
a diameter of 4
mm can be provided, the studs inserted into the
holes on the bottom of the Switch, and the Switch secured at four
locations to increase the mounting strength.
• Set the Operation Key so that it is within 1 mm of the center of the
key hole. If the Operation Key is offset or at an angle, accelerated
wear or breaking may result.
• Observe the specified insertion radius for the Operation Key and
insert it in a direction perpendicular to the key hole.
Head Direction
• The rotation of the Switch head may be adjusted to any of the four
directions by loosening the head mounting screws at the four
corners of the head. Make sure that no foreign materials enter
through the head.
• Do not insert or remove the Operation Key with the Switch head
removed. Doing so may make it impossible to insert the Operation
Key.
Securing the Door
When the door is closed (with the Operation Key inserted), the
Operation Key may exceed the set zone because of, for example, the
door's own weight, machine vibration, or the door cushion rubber.
Secure the door with a stopper so that the Operation Key remains
within the set zone.
Electric shock may occasionally occur.
Do not use metal connectors or metal conduits.
Precautions for Safe Use
Precautions for Correct Use
Terminal screw
0.6 to 0.8 N·m
Cover mounting screw
0.5 to 0.7 N·m
Head mounting screw
0.5 to 0.6 N·m
Operation Key mounting screw
2.4 to 2.8 N·m
Body mounting screw
0.5 to 0.7 N·m
Connector
1.8 to 2.2 N·m
Cap screw
1.3 to 1.7 N·m
Switch
Operation key
Stopper
Correct
Incorrect
−0.05
−0.15
Switch Mounting Holes and Studs
• 1-Conduit Modules
2.5±0.1
22±0.1
47±0.1
4
-0.05
-0.15
dia.
Height: 4.8 max.
20±0.1
22±0.1
Two, M4
42±0.1
39±0.1
20±0.1
22±0.1
40±0.1
42±0.1
2.5±0.1
5.35±0.1
Two, M4
4
-0.05
-0.15
dia.
Height: 4.8 max.
• 2-Conduit Modules
15±0.1
Two, M4
40±0.1
Two, M4
41±0.1 or, 43±0.1
Two, M4
Operation Key Mounting Holes
• Horizontal/Vertical Mounting
(D4DS-K1/-K2)
• Horizontal Adjustable
Mounting (D4DS-K3)
• Horizontal/VerticalAdjustable
Mounting (D4DS-K5)
Operation Key
Set zone
(0.5 to 3 mm)


Similar Part No. - D4NS-6DF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4N OMRON-D4N Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1120 OMRON-D4N-1120 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1122 OMRON-D4N-1122 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1125 OMRON-D4N-1125 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1126 OMRON-D4N-1126 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
More results

Similar Description - D4NS-6DF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-1983780 TEC-C-1983780 Datasheet
169Kb / 1P
   NEXT GENERATION GI3.3 RECEPTACLE CONTACT
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
PLX Technology
NAS7825 PLX-NAS7825 Datasheet
183Kb / 3P
   Next Generation Multi-functional Networked Storage Solution
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com