Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1086M5X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN1086M5X
Description  1.5A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1086M5X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN1086M5X Datasheet HTML 1Page - Fairchild Semiconductor FAN1086M5X Datasheet HTML 2Page - Fairchild Semiconductor FAN1086M5X Datasheet HTML 3Page - Fairchild Semiconductor FAN1086M5X Datasheet HTML 4Page - Fairchild Semiconductor FAN1086M5X Datasheet HTML 5Page - Fairchild Semiconductor FAN1086M5X Datasheet HTML 6Page - Fairchild Semiconductor FAN1086M5X Datasheet HTML 7Page - Fairchild Semiconductor FAN1086M5X Datasheet HTML 8Page - Fairchild Semiconductor FAN1086M5X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FAN1086
PRODUCT SPECIFICATION
REV. 1.0.7 11/10/03
3
Electrical Characteristics
Operating Conditions: VIN ≤ 7V, TJ = 25°C unless otherwise specified.
The
• denotes specifications which apply over the specified operating temperature range.
Notes:
1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are
measured at a constant junction temperature by low duty cycle pulse testing.
2. Line and load regulation are guaranteed up to the maximum power dissipation. Power dissipation is determined by input/
output differential and the output current. Guaranteed maximum output power will not be available over the full input/output
voltage range.
3. FAN1086 only.
Parameter
Conditions
Min.
Typ.
Max.
Units
Reference Voltage3, VREF
1.5V
≤ (V
IN - VOUT) ≤ 5.75V,
10mA
≤ I
OUT ≤ 1A
1.225
(-2%)
1.250
1.275
(+2%)
V
Output Voltage
10mA
≤ I
OUT ≤ 1A
FAN1086-2.5, 4V
≤ V
IN ≤ 7V
FAN1086-2.85, 4.35V
≤ V
IN ≤ 7V
FAN1086-3.3, 4.8V
≤ V
IN ≤ 7V
FAN1086-5, 6.5V
≤ V
IN ≤ 7V
2.450
2.793
3.234
4.900
2.5
2.85
3.3
5.0
2.550
2.907
3.366
5.100
V
V
V
V
Line Regulation1,2
(VOUT + 1.5V) ≤ VIN ≤ 7V, IOUT = 10mA
0.005
0.2
%
Load Regulation1,2
(VIN – VOUT) = 2V, 10mA ≤ IOUT ≤ 1A
0.05
0.5
%
Dropout Voltage
∆V
REF = 1%, IOUT = 1.5A
1.300
1.500
V
Current Limit
(VIN – VOUT) = 2V
1.6
2.0
A
Adjust Pin Current3, IAdj
35
120
µA
Adjust Pin Current Change3
1.5V
≤ (V
IN – VOUT) ≤ 5.75,
10mA
≤ I
OUT ≤ 1A
0.2
5
µA
Minimum Load Current
1.5V
≤ (V
IN – VOUT) ≤ 5.75
10
mA
Quiescent Current
VIN = VOUT + 1.25V
413
mA
Ripple Rejection
f = 120Hz, COUT = 22µF Tantalum,
(VIN – VOUT) = 3V, IOUT = 1.5A
60
72
dB
Thermal Regulation
TA = 25°C, 30ms pulse
0.004
0.02
%/W
Temperature Stability
0.5
%
Long-Term Stability
TA = 125°C, 1000hrs.
0.03
1.0
%
RMS Output Noise
(% of VOUT)
TA = 25°C, 10Hz ≤ f ≤ 10kHz
0.003
%
Thermal Resistance,
Juncation to Case
SOT-223
15
°C/W
TO-263, TO-252
3
°C/W
Thermal Shutdown
Junction Temperature
155
°C
Thermal Shutdown
Hysteresis
10
°C


Similar Part No. - FAN1086M5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN1084 FAIRCHILD-FAN1084 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D FAIRCHILD-FAN1084D Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D15 FAIRCHILD-FAN1084D15 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D33 FAIRCHILD-FAN1084D33 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Similar Description - FAN1086M5X

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ1086 UTC-UZ1086_09 Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086 UTC-UZ1086_12 Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com