Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4NS-6AF Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # D4NS-6AF
Description  Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NS-6AF Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button D4NS-6AF Datasheet HTML 2Page - Omron Electronics LLC D4NS-6AF Datasheet HTML 3Page - Omron Electronics LLC D4NS-6AF Datasheet HTML 4Page - Omron Electronics LLC D4NS-6AF Datasheet HTML 5Page - Omron Electronics LLC D4NS-6AF Datasheet HTML 6Page - Omron Electronics LLC D4NS-6AF Datasheet HTML 7Page - Omron Electronics LLC D4NS-6AF Datasheet HTML 8Page - Omron Electronics LLC D4NS-6AF Datasheet HTML 9Page - Omron Electronics LLC D4NS-6AF Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
D4NS
6
Dimensions
(Unit: mm)
Dimensions and Operating Characteristics
1-Conduit Models
2-Conduit Models
1-Conduit Connector Models
Note: 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
2. There are fluctuations in the contact ON/OFF timing for Switches with multiple poles (2NC, 2NC/1NO, or 3NC). Confirm performance before
application.
7.5
Head cap
22±0.2
31
30.2
15.3
4.4
2.5
55
41
33.5
47±0.2
20±0.1
22±0.1
14.2
30
31.5
21.5
15.5
30.6
Red
Black
D4NS-1
@F
D4NS-2
@F
D4NS-4
@F
D4NS-2
@F-SJ
D4NS-4
@F-SJ
2.15
±0.05R
mounting holes
0
Two, 4
+0.15 dia. holes
depth: 5
15 N max.
30 N max.
6
±3 mm
(28 mm)
60 N min.
10 mm min.
D4NS-1
@F
D4NS-2
@F
D4NS-4
@F
15N max.
(50N max.)
6
±3 mm
(28 mm)
80N min.
10mm min.
D4NS-2
@F-SJ
D4NS-4
@F-SJ
Operating
characteristics
Key insertion force
Key extraction force
Pretravel (PT)
Total travel (TT)
Direct opening force
*
Direct opening stroke
*
* Always maintain the above operating characteristics for safe use.
Model
7.5
15.3
42±0.1
40±0.1
30.2
4.4
5.4
47
33.5
39±0.2
41
2.5
9±0.2
25 dia.
14.2
30
20.5
15.5
21.5
Cap (both sides)
31.5
30.6
56 max.
3
42±0.2
22±0.1
20±0.1
Red
Black
D4NS-6
@F
D4NS-8
@F
2.15
±0.05R
mounting holes
0
Two, 4
+0.15 dia. holes
depth: 5
15 N max.
30 N max.
6
±3 mm
(28 mm)
60 N min.
10 mm min.
D4NS-6
@F
D4NS-8
@F
Operating
characteristics
Key insertion force
Key extraction force
Pretravel (PT)
Total travel (TT)
Direct opening force
*
Direct opening stroke
*
* Always maintain the above operating characteristics
for safe use.
Head cap
Model
31
M12
× 1
30
22±0.2
2.5
20±0.1
22±0.1
30.2
15.3
4.4
55
(14)
41
33.5
47±0.2
7.5
31.5
21.5
15.5
30.6
14.2
Red
Black
D4NS-9
@F
2.15±0.05R
mounting holes
0
Two, 4
+0.15 dia. holes
depth: 5
15 N max.
30 N max.
6
±3 mm
(28 mm)
60 N min.
10 mm min.
D4NS-9
@F
Operating
characteristics
Key insertion force
Key extraction force
Pretravel (PT)
Total travel (TT)
Direct opening force
*
Direct opening stroke
*
* Always maintain the above operating characteristics
for safe use.
Head cap
Model


Similar Part No. - D4NS-6AF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4N OMRON-D4N Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1120 OMRON-D4N-1120 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1122 OMRON-D4N-1122 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1125 OMRON-D4N-1125 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1126 OMRON-D4N-1126 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
More results

Similar Description - D4NS-6AF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-1983780 TEC-C-1983780 Datasheet
169Kb / 1P
   NEXT GENERATION GI3.3 RECEPTACLE CONTACT
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
PLX Technology
NAS7825 PLX-NAS7825 Datasheet
183Kb / 3P
   Next Generation Multi-functional Networked Storage Solution
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com