Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4NS-2FF Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # D4NS-2FF
Description  Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NS-2FF Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button D4NS-2FF Datasheet HTML 4Page - Omron Electronics LLC D4NS-2FF Datasheet HTML 5Page - Omron Electronics LLC D4NS-2FF Datasheet HTML 6Page - Omron Electronics LLC D4NS-2FF Datasheet HTML 7Page - Omron Electronics LLC D4NS-2FF Datasheet HTML 8Page - Omron Electronics LLC D4NS-2FF Datasheet HTML 9Page - Omron Electronics LLC D4NS-2FF Datasheet HTML 10Page - Omron Electronics LLC D4NS-2FF Datasheet HTML 11Page - Omron Electronics LLC D4NS-2FF Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
D4NS
11
Wiring
Wiring
• When connecting with insulation tubes and M3.5 crimp terminals,
connect the terminals as shown in the following figure and wire
without overriding to the case and the cover. Adequate conductor
size is AWG 20 to AWG18 (0.5 to 0.75 mm2).
Prepare lead wires using the lengths given in the following
diagrams. If lead wires are too long, they will press against the
cover causing the cover to not close properly.
• Do not push the crimp terminal and the likes into the opening
between the parts to prevent the case from being broken and
deformed.
• Use terminals having the thickness of 0.5 mm or less to avoid the
contact between the terminal and the Switch case inside.
<Reference>
The crimp terminals listed below have a thickness of 0.5 mm or less.
J.S.T is a Japanese manufacturer.
Pin arrangement of connector type
• Suitable socket is XS2F-D421 series (OMRON).
• Refer to the Connector Catalog for corresponding Socket pin
numbers and lead wire colors.
Socket Tightening (Models with Connectors)
• Turn the tightening screws on the Socket by hand and tighten them
until the gap between the Socket and Plug essentially disappears.
• Make sure that the Socket’s connector is tightened securely,
otherwise the rated degree of protection (IP67) of the D4NS may
not be maintained, or the Socket connector may be loosened by
vibration.
Conduit Opening
• Use cables with suitable diameters for the connector being used.
• When wiring, place the enclosed cap screw on unused conduit
openings (for 2-Conduit Switches) and tighten them to the suitable
tightening torque.
Recommended Connectors
Use the connector with thread section of 9 mm long or less. If a
connector with a longer thread section is used, the protruding part
may interfere with the other parts inside the body. Use the connectors
listed below to ensure IP67 degree of protection.
When use LAPP's products, use together with a Seal Packing which
is sold separately (Type names, JPK-16, GP-13.5, or GPM20) and
tighten with proper tightening torque.
• LAPP is a German manufacturer.
Manufacture
Type
J.S.T. Mfg Co.
FN0.5-3.7 (F Type)
N0.5-3.7 (Straight Type)
1-Conduit Models with 3 Poles
2-Conduit Models with 3 Poles
22
21
34
33
12
11
A
A
C
E
B
D
F
C
E
B
D
F
28 mm
Tolerance
±2 mm
33 mm
42 mm
22
21
34
33
12
11
A
C
E
B
D
F
A
C
E
BD F
28 mm
Tolerance
±2 mm
Left hand
42 mm
A
C
E
BD F
28 mm
Tolerance
±2 mm
Right hand
42 mm
L
l
F
B
D dia.
dz dia.
t:
0.5 mm
dz dia.:
3.7 mm
D dia.:
2.9 mm
B:
6.6 mm
L:
19 mm
F:
7.7 mm
I:
8.0 mm
Correct
Incorrect
Terminal screw
Crimp terminal
Size
Manufacture
Model
Applicable cable
diameter
G1/2
LAPP
ST-PF1/2
5380-1002
6.0 to 12.0 mm
Pg13.5
LAPP
S-13.5
5301-5030
6.0 to 12.0 mm
M20
LAPP
ST-M20
× 1.5
5311-1020
7.0 to 13.0 mm
1
3
2
4
D4NS-9BF (2NC)
1 (11)
3 (31)
2 (12)
4 (32)
D4NS-9AF (1NC/1NO)
D4NS-9EF (1NC/1NO (MBB))
1 (11)
3 (33)
Pin No. (Terminal No.)
2 (12)
4 (34)
Zb
Zb


Similar Part No. - D4NS-2FF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4N OMRON-D4N Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1120 OMRON-D4N-1120 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1122 OMRON-D4N-1122 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1125 OMRON-D4N-1125 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-1126 OMRON-D4N-1126 Datasheet
6Mb / 24P
   Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
More results

Similar Description - D4NS-2FF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-1983780 TEC-C-1983780 Datasheet
169Kb / 1P
   NEXT GENERATION GI3.3 RECEPTACLE CONTACT
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
PLX Technology
NAS7825 PLX-NAS7825 Datasheet
183Kb / 3P
   Next Generation Multi-functional Networked Storage Solution
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com