Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32T24S Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E32T24S
Description  Fiber Sensors
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32T24S Datasheet(HTML) 4 Page - Omron Electronics LLC

  E32T24S Datasheet HTML 1Page - Omron Electronics LLC E32T24S Datasheet HTML 2Page - Omron Electronics LLC E32T24S Datasheet HTML 3Page - Omron Electronics LLC E32T24S Datasheet HTML 4Page - Omron Electronics LLC E32T24S Datasheet HTML 5Page - Omron Electronics LLC E32T24S Datasheet HTML 6Page - Omron Electronics LLC E32T24S Datasheet HTML 7Page - Omron Electronics LLC E32T24S Datasheet HTML 8Page - Omron Electronics LLC E32T24S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
4
Selection Guide
Fiber Units
Amplifier Units
Detection
conditions
Environmental
conditions
■ High-temperature environ-
ments (up to 400ºC)
■ Environments subject to scat-
tering of chemicals and oil
■ Vacuum environments
■ Workpiece presence
■ Positioning
■ Level differences and marks
Standard Models
P.6
Environment-resistive Models
P.14
■ Long-distance sensing, resistance to
dust and dirt
■ Small beam, resistance to rattling
■ Detection of transparent objects
Special-beam Models
P.10
■ Labels
■ Liquid level
■ Alignment and mapping of glass sub-
strates
■ Wafer mapping
Application-corresponding Models
P.16
Type
Digital
Manual
Appearance
Response
time
48 µs, 1 ms, or 4 ms
(2-output models: 80 µs, 1 ms, or 4 ms)
100
μs, 1 ms, or 4 ms
200 µs
(high-speed models: 20 µs)
Light source Red, green, blue, or infrared LED
Red or green LED
Function
Dual display (including digital, bar, percent, and hold display functions)
Threshold adjustment performed manually or by teaching
OFF-delay, ON-delay, one-shot timer (adjustable from 1 ms to 5 s)
LED bar display (5 levels)
8-turn sensitivity adjuster
OFF delay timer (fixed at 40 ms)
Advanced-function models are
available (2-output/input models).
Water-resistant models are available.
Models
E3X-DA
@-S
E3X-DA
@TW-S (2-output model)
E3X-DA
@RM-S (input model)
E3X-MDA
@
E3X-NA
@
E3X-NA
@F (high-speed model)
E3X-NA
@V (water-resistant model)
Fiber Units
Amplifier Units
Standard environments
Special environments
Standard
detection
Workpiece
presence
Positioning
Level
differences
Marks
Workpiece
presence
Positioning
Level
difference
Special-
beam
High power
Small spot
Area sensing Retroreflective
sensing
Application-
corresponding
Labels
Liquid level
Alignment
Mapping
2-channel
models
We have developed
model variations for
handling a broad
range of applications.


Similar Part No. - E32T24S

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E32 GILWAY-E32 Datasheet
1Mb / 17P
   Miniature LEDs
logo
Omron Electronics LLC
E32 OMRON-E32 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
logo
Ferroxcube Internationa...
E32 FERROXCUBE-E32 Datasheet
52Kb / 5P
   Planar E cores and accessories
2008 Sep 01
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C90 FERROXCUBE-E32-3C90 Datasheet
59Kb / 5P
   E cores and accessories
More results

Similar Description - E32T24S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32C312M OMRON-E32C312M Datasheet
17Mb / 67P
   Fiber Sensors
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
E3X-DA8-S OMRON-E3X-DA8-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
logo
SICK AG
LL3-DM02 SICK-LL3-DM02 Datasheet
230Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DJ02 SICK-LL3-DJ02 Datasheet
231Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DC06 SICK-LL3-DC06 Datasheet
207Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DC04 SICK-LL3-DC04 Datasheet
212Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DB09 SICK-LL3-DB09 Datasheet
237Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com