Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-11DQ10-M3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-11DQ10-M3
Description  6Schottky Rectifier, 1.1 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-11DQ10-M3 Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-11DQ10-M3 Datasheet HTML 1Page - Vishay Siliconix VS-11DQ10-M3 Datasheet HTML 2Page - Vishay Siliconix VS-11DQ10-M3 Datasheet HTML 3Page - Vishay Siliconix VS-11DQ10-M3 Datasheet HTML 4Page - Vishay Siliconix VS-11DQ10-M3 Datasheet HTML 5Page - Vishay Siliconix VS-11DQ10-M3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VS-11DQ09, VS-11DQ09-M3, VS-11DQ10, VS-11DQ10-M3
www.vishay.com
Vishay Semiconductors
Revision: 21-Sep-11
2
Document Number: 93207
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
Note
(1)
thermal runaway condition for a diode on its own heatsink
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
See fig. 1
VFM (1)
1 A
TJ = 25 °C
0.85
V
2 A
0.96
1 A
TJ = 125 °C
0.68
2 A
0.78
Maximum reverse leakage current
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
0.5
mA
TJ = 125 °C
1.0
Typical junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
35
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
8.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ (1), TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to ambient
RthJA
DC operation
Without cooling fin
100
°C/W
Typical thermal resistance,
junction to lead
RthJL
DC operation
See fig. 4
81
Approximate weight
0.33
g
0.012
oz.
Marking device
Case style DO-204AL (DO-41)
11DQ09
11DQ10
dP
tot
dT
J
-------------
1
R
thJA
--------------
<


Similar Part No. - VS-11DQ10-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-11DQ10-M3 VISHAY-VS-11DQ10-M3 Datasheet
111Kb / 6P
   Schottky Rectifier, 1.1 A
02-Oct-12
More results

Similar Description - VS-11DQ10-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-11DQ03 VISHAY-VS-11DQ03 Datasheet
116Kb / 6P
   Schottky Rectifier, 1.1 A
Revision: 21-Sep-11
11DQ03 VISHAY-11DQ03 Datasheet
79Kb / 5P
   Schottky Rectifier, 1.1 A
Revision: 06-Nov-08
11DQ09 VISHAY-11DQ09 Datasheet
79Kb / 5P
   Schottky Rectifier, 1.1 A
Revision: 06-Nov-08
11DQ05 VISHAY-11DQ05_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 1.1 A
Revision: 21-Sep-11
11DQ09 VISHAY-11DQ09_12 Datasheet
113Kb / 6P
   Schottky Rectifier, 1.1 A
Revision: 21-Sep-11
11DQ05 VISHAY-11DQ05 Datasheet
81Kb / 5P
   Schottky Rectifier, 1.1 A
Revision: 06-Nov-08
VS-11DQ05 VISHAY-VS-11DQ05 Datasheet
118Kb / 6P
   Schottky Rectifier, 1.1 A
Revision: 21-Sep-11
VS-11DQ09 VISHAY-VS-11DQ09_V01 Datasheet
111Kb / 6P
   Schottky Rectifier, 1.1 A
02-Oct-12
logo
Assmann Electronics Inc...
AK672-3-BLACK ASSMANN-AK672-3-BLACK Datasheet
77Kb / 1P
   USB 1.1 Cable - A Male
AK672-3 ASSMANN-AK672-3 Datasheet
65Kb / 1P
   USB 1.1 Cable - A Male
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com