Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2509 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN2509
Description  50 mA CMOS LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2509 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN2509 Datasheet HTML 2Page - Fairchild Semiconductor FAN2509 Datasheet HTML 3Page - Fairchild Semiconductor FAN2509 Datasheet HTML 4Page - Fairchild Semiconductor FAN2509 Datasheet HTML 5Page - Fairchild Semiconductor FAN2509 Datasheet HTML 6Page - Fairchild Semiconductor FAN2509 Datasheet HTML 7Page - Fairchild Semiconductor FAN2509 Datasheet HTML 8Page - Fairchild Semiconductor FAN2509 Datasheet HTML 9Page - Fairchild Semiconductor FAN2509 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FAN2508/FAN2509
PRODUCT SPECIFICATION
REV. 1.0.6 2/14/03
9
Mechanical Dimensions
5-Lead SOT-23-5 (S) Package
e
B
e1
D
A1
A
L
c
E
H
A
.035
.057
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.000
.006
.020
B
.008
c
.003
.010
E
.059
.071
e
H
.087
.126
.037 BSC
.075 BSC
0
°
10
°
e1
L
α
D
.106
.122
.90
1.45
.00
.15
.50
.20
.08
.25
1.50
1.80
2.20
3.20
.004
.024
.10
.60
.95 BSC
1.90 BSC
0
°
10
°
2.70
3.10
Notes:
1.
2.
3.
Package outline exclusive of mold flash & metal burr.
Package outline exclusive of solder plating.
EIAJ Ref Number SC-74A.


Similar Part No. - FAN2509

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2509 FAIRCHILD-FAN2509 Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2509S25X FAIRCHILD-FAN2509S25X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2509S26X FAIRCHILD-FAN2509S26X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2509S27X FAIRCHILD-FAN2509S27X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2509S285X FAIRCHILD-FAN2509S285X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
More results

Similar Description - FAN2509

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2508S28X FAIRCHILD-FAN2508S28X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com