Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1655MPX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN1655MPX
Description  3A DDR Bus Termination Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1655MPX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN1655MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN1655MPX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PRODUCT SPECIFICATION
FAN1655
2
REV. 1.1.4 3/24/04
Pin Assignments
Pin Definitions
Typical Application
Pin
Pin Name
Pin Function Description
MLP
eTSSOP
SOIC-14
1, 4
1, 2, 7
1, 2, 7
VDD
Input power for the LDO.
2, 3
3, 6
3, 6
VTTFORCE
The VTT output voltage.
PAD
4, 5, 8
4, 5, 8
VSS
IC Ground.
5109
VTTSENSE
Feedback for remote sense of the VTT voltage.
11
10
VREFIN
Alternative input for direct control of VTTOUT and
VREFOUT.
61211
SHDN
Shutdown. This active low shutdown turns off both VTT
and VREFOUT. This pin has an internal pull-down, and
must be externally driven high for the IC to be on.
13
12
VSSQ
Signal Ground.
71413
VREFOUT
Buffered Voltage Reference Output.
81514
VDDQ
VDDQ Input. Attach this pin to the VDDQ supply to
generate VTT and VREFOUT.
9, 16
NC
No Internal Connection
PADPAD
Connect PAD to Vss Ground Plane
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
FAN1655
NC
VDDQ
VREFOUT
VSSQ
SHDN
VREFIN
VTTSENSE
NC
VDD
VDD
VTTFORCE
VSS
VSS
VTTFORCE
VDD
VSS
14
13
12
11
10
9
8
1
2
3
4
5
6
7
FAN1655M
VDDQ
VREFOUT
VSSQ
SHDN
VREFIN
VTTSENSE
VSS
VDD
VDD
VTTFORCE
VSS
VSS
VTTFORCE
VDD
VDDQ
VREFOUT
SHDN
VTTSENSE
VDD
VTTFORCE
VTTFORCE
VDD
GND
1
2
3
4
8
7
6
5
16-Lead Plastic eTSSOP-16
θJC = 4˚C/W*
*Thermal impedance is measured with the
power pad soldered to a 0.5 square inch
copper area. The copper area should be
connected to Vss (ground) and positioned
over an internal power or ground plane to
assist in heat dissipation.
14-Lead Plastic SOIC
θJC = 37˚C/W, θJA = 88˚C/W
8-Lead MLP Package (5x6mm)
θJC = 4˚C/W, θJA = 34˚C/W as
measured on FAN1655MP
Eval Board
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
100
µF
6V
10
µF
GND
VDD
1nF
(connect to VTTFORCE
at the load)
VTTSENSE
470
µF
10
µF
VTTFORCE
1nF
GND
VREFOUT
SHDN
VDDQ
10k
FAN1655
Figure 1. (eTSSOP pinout shown)


Similar Part No. - FAN1655MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655MPX FAIRCHILD-FAN1655MPX Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
More results

Similar Description - FAN1655MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517_18 Datasheet
814Kb / 9P
   3A DDR BUS TERMINATION
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
   3A DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com