Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2505 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN2505
Description  200 mA CMOS LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2505 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN2505 Datasheet HTML 1Page - Fairchild Semiconductor FAN2505 Datasheet HTML 2Page - Fairchild Semiconductor FAN2505 Datasheet HTML 3Page - Fairchild Semiconductor FAN2505 Datasheet HTML 4Page - Fairchild Semiconductor FAN2505 Datasheet HTML 5Page - Fairchild Semiconductor FAN2505 Datasheet HTML 6Page - Fairchild Semiconductor FAN2505 Datasheet HTML 7Page - Fairchild Semiconductor FAN2505 Datasheet HTML 8Page - Fairchild Semiconductor FAN2505 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.fairchildsemi.com
REV. 1.0.8 2/14/03
Features
• Ultra Low Power Consumption
• 200 mV dropout voltage at 200 mA
• 75 µA ground current at 200 mA
• Enable/Shutdown Control
• SOT23-5 package
• Thermal limiting
• 300 mA peak current
Applications
• Cellular Phones and accessories
•PDAs
• Portable cameras and video recorders
• Laptop, notebook and palmtop computers
Description
The FAN2504/05 family of micropower low-dropout voltage
regulators utilize CMOS technology to offer a new level of
cost-effective performance in GSM and TDMA cellular
handsets, Laptop and Notebook portable computers, and
other portable devices. Features include extremely low
power consumption and low shutdown current, low dropout
voltage, exceptional loop stability able to accommodate a
wide variety of external capacitors, and the compact SOT23-5
surface-mount package. The FAN2504/05 family of products
offer significant improvements over older BiCMOS designs
and are pin-compatible with many popular devices. The
output is thermally protected against overload.
The FAN2504 and FAN2505 devices are distinguished by
the assignment of pin 4:
FAN2504: pin 4 – ADJ, allowing the user to adjust the
output voltage over a wide range using an external voltage
divider.
FAN2504-XX: pin 4 – BYP, to which a bypass capacitor
may be connected for optimal noise performance. Output
voltage is fixed, indicated by the suffix XX.
FAN2505-XX: pin 4 – ERR, a flag which indicates that the
output voltage has dropped below the specified minimum
due to a fault condition.
The standard fixed output voltages available are 2.5V, 2.6V,
2.7V, 2.8V, 2.85V, 3.0V, and 3.3V. Custom output voltage are
also available: please contact your local Fairchild Sales
Office for information.
FAN2504, FAN2505
200 mA CMOS LDO Regulators
Block Diagrams
FAN2504
EN
ADJ
GND
Thermal
Sense
p
VIN
VOUT
Bandgap
Error
Amplifier
FAN2504-XX
EN
BYP
GND
GND
Bandgap
Thermal
Sense
p
Error
Amplifier
VIN
VOUT
FAN2505-XX
EN
ERR
Bandgap
Thermal
Sense
p
Error
Amplifier
VIN
VOUT


Similar Part No. - FAN2505

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2505 FAIRCHILD-FAN2505 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
More results

Similar Description - FAN2505

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
FAN2508S28X FAIRCHILD-FAN2508S28X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
FAN2508 FAIRCHILD-FAN2508 Datasheet
251Kb / 10P
   50 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com