Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1655MTFX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN1655MTFX
Description  3A DDR Bus Termination Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1655MTFX Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FAN1655MTFX Datasheet HTML 1Page - Fairchild Semiconductor FAN1655MTFX Datasheet HTML 2Page - Fairchild Semiconductor FAN1655MTFX Datasheet HTML 3Page - Fairchild Semiconductor FAN1655MTFX Datasheet HTML 4Page - Fairchild Semiconductor FAN1655MTFX Datasheet HTML 5Page - Fairchild Semiconductor FAN1655MTFX Datasheet HTML 6Page - Fairchild Semiconductor FAN1655MTFX Datasheet HTML 7Page - Fairchild Semiconductor FAN1655MTFX Datasheet HTML 8Page - Fairchild Semiconductor FAN1655MTFX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PRODUCT SPECIFICATION
FAN1655
8
REV. 1.1.4 3/24/04
Mechanical Dimensions
5mmX6mm 8-Lead MLP
NOTES:
B)
DIMENSIONS ARE IN MILLIMETERS.
A)
DOES NOT FULLY CONFORM TO JEDEC
REGISTRATION MO-229, DATED 11/2001.
C)
DIMENSIONING AND TOLERANCES PER
ASME Y14.5–1994.
LAND PATTERN RECOMMENDATION
TOP VIEW
SIDE VIEW
BOTTOM VIEW
3.81
1.27
PIN #1 IDENT.
(OPTIONAL)
1.27 TYP
0.65 TYP
(1.00)
3.50
4.50
4.25
6.25
1.0 MAX
C
C
C
MC
M
0.10
0.10
0.08
0.05
C
AB
0.05
0.00
0.28–0.40
4.25
1.75
3.25
1.25
0.75
0.35
SEATING
PLANE
A
A
A
A
A
1234
8765
(0.25)
6.0
B
A
5.0
0.25
2X
C
0.25
2X
C


Similar Part No. - FAN1655MTFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655MTFX FAIRCHILD-FAN1655MTFX Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
More results

Similar Description - FAN1655MTFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517_18 Datasheet
814Kb / 9P
   3A DDR BUS TERMINATION
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
   3A DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com