Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1581D15X Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN1581D15X
Description  5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1581D15X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN1581D15X Datasheet HTML 4Page - Fairchild Semiconductor FAN1581D15X Datasheet HTML 5Page - Fairchild Semiconductor FAN1581D15X Datasheet HTML 6Page - Fairchild Semiconductor FAN1581D15X Datasheet HTML 7Page - Fairchild Semiconductor FAN1581D15X Datasheet HTML 8Page - Fairchild Semiconductor FAN1581D15X Datasheet HTML 9Page - Fairchild Semiconductor FAN1581D15X Datasheet HTML 10Page - Fairchild Semiconductor FAN1581D15X Datasheet HTML 11Page - Fairchild Semiconductor FAN1581D15X Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FAN1581
PRODUCT SPECIFICATION
8
REV. 1.2.0 11/6/03
Figure 3. Application Circuit (FAN1581)
Table 1. Bill of Materials for Application Circuit for the FAN1581
Figure 4. Application Circuit (FAN1581-1.5)
Table 2. Bill of Materials for Application Circuit for the FAN1581-1.5
Item
Quantity
Manufacturer
Part Number
Description
C1, C3
2
Xicon
L10V10
10µF, 10V Aluminum
C2
1
Xicon
L10V100
100µF, 10V Aluminum
C4
1
Any
1µF Ceramic
R1
1
Generic
124
Ω, 1%
R2
1
Generic
86.6
Ω, 1%
U1
1
Fairchild
FAN1581P
5A Regulator
Item
Quantity
Manufacturer
Part Number
Description
C1
1
Xicon
L10V10
10µF, 10V Aluminum
C2
1
Any
1µF Ceramic
C3
1
Xicon
L10V100
100µF, 10V Aluminum
U1
1
Fairchild
FAN1581P-1.5
5A Regulator
100
µF
C2
10
µF
C3
VCNTL = 5V
2.1V at 5A
VIN = 3.3V
+
10
µFC1
1
µF
C4
+
VIN
VSENSE
VCNTL
Adj
VOUT
FAN1581
124
86.6
R2
R1
U1
100
µF
C3
VCNTL = 3.3V
1.5V at 5A
10
µF
C1
VIN = 2.5V
+
1
µF
C2
+
VIN
VSENSE
VCNTL
GND
U1
VOUT
FAN1581–1.5


Similar Part No. - FAN1581D15X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582 FAIRCHILD-FAN1582 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D FAIRCHILD-FAN1582D Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-1.5 FAIRCHILD-FAN1582D-1.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-2.5 FAIRCHILD-FAN1582D-2.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Similar Description - FAN1581D15X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com