Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM80N20-40PCFM Datasheet(PDF) 5 Page - Analog Power

Part # AM80N20-40PCFM
Description  N-Channel 200-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM80N20-40PCFM Datasheet(HTML) 5 Page - Analog Power

  AM80N20-40PCFM Datasheet HTML 1Page - Analog Power AM80N20-40PCFM Datasheet HTML 2Page - Analog Power AM80N20-40PCFM Datasheet HTML 3Page - Analog Power AM80N20-40PCFM Datasheet HTML 4Page - Analog Power AM80N20-40PCFM Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Analog Power
AM80N20-40PCFM
Package Information
© Preliminary
5
Publication Order Number:
DS_AM80N20-40PCFM_1A


Similar Part No. - AM80N20-40PCFM

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM80N03-05D ANALOGPOWER-AM80N03-05D Datasheet
92Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM80N03-05D VBSEMI-AM80N03-05D Datasheet
1,001Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM80N03-06D ANALOGPOWER-AM80N03-06D Datasheet
92Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM80N03-06D-T1-PF VBSEMI-AM80N03-06D-T1-PF Datasheet
1,001Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM80N06-05D ANALOGPOWER-AM80N06-05D Datasheet
79Kb / 3P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - AM80N20-40PCFM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 04-Jul-16
logo
Analog Power
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 14-Apr-08
logo
VBsemi Electronics Co.,...
VBMB1203M VBSEMI-VBMB1203M Datasheet
1Mb / 8P
   N-Channel 200 V (D-S) MOSFET
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com