Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHRB34A102M2BB Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # DHRB34A102M2BB
Description  High Voltage Ceramic Capacitors DC10-40kV
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DHRB34A102M2BB Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DHRB34A102M2BB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DHRB34A102M2BB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DHRB34A102M2BB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DHRB34A102M2BB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DHRB34A102M2BB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DHRB34A102M2BB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DHRB34A102M2BB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DHRB34A102M2BB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DHRB34A102M2BB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1
2
3
CONTENTS
!Note • Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification before ordering.
Recycled Paper
Recycled Paper
1
2
3
Part Numbering
2
Radial Lead Type DHR Series (DC10-15kV)
3
Specifications and Test Methods
5
Typical Characteristics Data/Packaging
7
DHR Series !Caution/Notice
8
Mold Type DHS N4700 Series (DC10-40kV)
10
Typical Characteristics Data / Specifications and Test Methods
12
Mold Type DHS Z5V Series (DC20-40kV)
13
Typical Characteristics Data
14
Specifications and Test Methods
15
DHS Series !Caution and Notice
16
ISO9000 Certifications
18
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C41E2.pdf 03.4.16


Similar Part No. - DHRB34A102M2BB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DHRB34A102M2BB MURATA-DHRB34A102M2BB Datasheet
310Kb / 20P
   HIGH VOLTAGE CERAMIC CAPACITORS
More results

Similar Description - DHRB34A102M2BB

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVRL400 GETEDZ-HVRL400 Datasheet
77Kb / 1P
   40kV 30mA HIGH VOLTAGE DIODE
HVRL400 GETEDZ-HVRL400_16 Datasheet
90Kb / 1P
   40kV 30mA HIGH VOLTAGE DIODE
2CL40KV0.1A GETEDZ-2CL40KV0.1A Datasheet
465Kb / 1P
   0.1A 40kV--High voltage silicon rectifier stack
2CL40KV0.2A GETEDZ-2CL40KV0.2A Datasheet
465Kb / 1P
   0.2A 40kV--High voltage silicon rectifier stack
2CL40KV-01A GETEDZ-2CL40KV-01A Datasheet
452Kb / 1P
   0.1A 40kV--High voltage silicon rectifier stack
logo
Micropac Industries
66004 MICROPAC-66004 Datasheet
91Kb / 2P
   40kV HIGH VOLTAGE ISOLATOR WITH PHOTOTRANSISTOR or PHOTODARLINGTON OUTPUT, CERAMIC PACKAGE
66147 MICROPAC-66147 Datasheet
91Kb / 2P
   40kV HIGH VOLTAGE ISOLATOR WITH BUFFERED OUTPUT
logo
GETAI ELECTRONICS DEVIC...
2CL40KV-02A GETEDZ-2CL40KV-02A Datasheet
452Kb / 1P
   0.2A 40kV--High voltage silicon rectifier stack
2CLG40KV0.1A GETEDZ-2CLG40KV0.1A Datasheet
466Kb / 1P
   0.1A 40kV 80nS--High voltage silicon rectifier stack
2CLG40KV0.2A GETEDZ-2CLG40KV0.2A Datasheet
466Kb / 1P
   0.2A 40kV 80nS--High voltage silicon rectifier stack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com