Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM21PG300SN1D Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # BLM21PG300SN1D
Description  EMIFILr (Inductor type) Chip Ferrite Bead
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM21PG300SN1D Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  BLM21PG300SN1D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM21PG300SN1D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM21PG300SN1D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM21PG300SN1D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
3
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead
2011.11.2
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
Continued from the preceding page.
c Impedance-Frequency Characteristics
BLM21PG300SN1
1
10
100
1000
3000
Frequency (MHz)
10
20
30
40
0
Z
R
X
50
c Impedance-Frequency Characteristics
BLM21PG600SN1
1
10
100
1000
3000
Frequency (MHz)
20
40
60
80
0
Z
R
X
100
c Impedance-Frequency Characteristics
BLM21PG121SN1
1
10
100
1000
3000
Frequency (MHz)
0
40
80
160
120
Z
R
X
c Impedance-Frequency Characteristics
BLM21PG221SN1
1
10
100
1000
3000
Frequency (MHz)
60
120
180
240
0
Z
R
X
300
c Impedance-Frequency Characteristics
BLM21PG331SN1
1
10
100
1000
3000
Frequency (MHz)
500
100
200
300
400
0
R
X
Z
Continued on the following page.


Similar Part No. - BLM21PG300SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21PG300SN1D MURATA1-BLM21PG300SN1D Datasheet
291Kb / 4P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/15/2022
BLM21PG300SN1D MURATA1-BLM21PG300SN1D Datasheet
330Kb / 10P
   Chip Ferrite Bead
BLM21PG300SN1D MURATA1-BLM21PG300SN1D Datasheet
330Kb / 10P
   Chip Ferrite Bead BLM21
More results

Similar Description - BLM21PG300SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AG102SN1D MURATA-BLM21AG102SN1D Datasheet
112Kb / 3P
   EMIFILr (Inductor type) Chip Ferrite Bead
BLM21PG600SN1D MURATA-BLM21PG600SN1D Datasheet
123Kb / 4P
   EMIFILr (Inductor type) Chip Ferrite Bead
BLM18EG221SN1D MURATA-BLM18EG221SN1D Datasheet
152Kb / 4P
   EMIFILr (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18HE102SN1D MURATA-BLM18HE102SN1D Datasheet
228Kb / 6P
   EMIFILr (Inductor type) Chip Ferrite Bead for GHz Noise
BLM31A MURATA-BLM31A Datasheet
50Kb / 2P
   Chip EMIFILr Inductor Type Chip Ferrite Beads
BLM18A MURATA-BLM18A Datasheet
71Kb / 3P
   Chip EMIFILr Inductor Type Chip Ferrite Beads
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18P MURATA-BLM18P Datasheet
84Kb / 4P
   Chip EMIFILr Inductor Type
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com